Electronic Components Datasheet Search
  English  ▼

X  

HT45B0K Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT45B0K Datasheet HTML 6Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 7Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 9Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 10Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 11Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 12Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 13Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Rev 1.00
March 22, 2010
10
HT45B0K
SPI to USB Bridge
UCC Register
The UCC register is the system clock control register implemented to select the clock used by the
MCU. This register consists of USB clock control bit USBCKEN, second suspend mode control bit
SUSP2 and system clock selection bit SYSCLK. This register is also used to select which endpoint
FIFO is accessed by Endpoint FIFO Selection bits EPS2~EPS0. Further explanation on each of the
bits is given below:
UCC Register
Bit
7
6
5
4
3
2
1
0
Name
―
SYSCLK
―
SUSP2 USBCKEN
EPS2
EPS1
EPS0
R/W
―
R/W
―
R/W
R/W
R/W
R/W
R/W
POR
―
0
―
000
0
0
Bit 7
Unimplemented, read as “0”.
Bit 6
SYSCLK: System clock input selection
0: 12MHz clock is used
1: 6MHz clock is used
This bit is used to specify the system clock oscillator frequency used by the MCU. If
a 6MHz crystal oscillator or resonator is used, this bit should be set to 1. If a 12MHz
crystal oscillator or resonator is used, this bit should be set to 0.
Bit 5
Unimplemented, read as “0”.
Bit 4
SUSP2: Suspend mode 2 control
0: optimized setting in suspend mode
1: test setting in suspend mode. The band-gap circuit is turned off.
It is strongly recommended that this bit should be set to 0 when the USB interface is in
suspend mode. Otherwise, the unpredictable results will occur.
Bit 3
USBCKEN: USB clock enable control
0: USB clock is disabled
1: USB clock is enabled
When the USB device receives the suspend signal sent from the USB host, the USB
clock enable control bit USBCKEN should be set to 0 to reduce the power consumption.
Bit 2~0
EPS2~EPS0: Endpoint FIFO selection
000: Endpoint 0 FIFO is selected
001: Endpoint 1 FIFO is selected
010: Endpoint 2 FIFO is selected
011: Endpoint 3 FIFO is selected
100: Endpoint 4 FIFO is selected
101: Endpoint 5 FIFO is selected
11x: reserved for further expansion and can not be used.
The EPS2~EPS0 bits are used to select which endpoint is to be accessed. If the selected
endpoint does not exist, the related functions are not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com