Electronic Components Datasheet Search
  English  ▼

X  

LTM4611 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4611
Description  Ultralow VIN, 15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4611 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4611 Datasheet HTML 3Page - Linear Technology LTM4611 Datasheet HTML 4Page - Linear Technology LTM4611 Datasheet HTML 5Page - Linear Technology LTM4611 Datasheet HTML 6Page - Linear Technology LTM4611 Datasheet HTML 7Page - Linear Technology LTM4611 Datasheet HTML 8Page - Linear Technology LTM4611 Datasheet HTML 9Page - Linear Technology LTM4611 Datasheet HTML 10Page - Linear Technology LTM4611 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTM4611

4611f
3.3V Transient Response, 5VIN
Typical perForMance characTerisTics
Start-Up, No Load
Short-Circuit, 15A
Short-Circuit, No Load
Start-Up, 15A Load
Start-Up, Pre-Bias
ILOAD
5A/DIV
20µs/DIV
4611 G08
VOUT
50mV/DIV
AC-COUPLED
VIN = 5V, VOUT = 3.3V, USING DIFF AMP
2 100µF CERAMIC OUTPUT CAPACITORS
CFF = 10pF, CP = NONE
7.5A LOAD STEP AT 7.5A/µs
VOUT
500mV/DIV
IIN
1A/DIV
1ms/DIV
4611 G09
VIN
1V/DIV
VIN = 3.3V, VOUT = 1.5V, NO LOAD
3 22µF CERAMIC INPUT CAPACITORS
CSS = 10nF
4 100µF CERAMIC OUTPUT CAPACITORS
CFF = 33pF, CP = 10pF
IIN
5A/DIV
ILOAD
5A/DIV
VOUT
500mV/DIV
1ms/DIV
4611 G12
VIN
1V/DIV
VIN = 3.3V, VOUT = 1.5V, 100m LOAD
3 22µF CERAMIC INPUT CAPACITORS
CSS = 10nF
4 100µF CERAMIC OUTPUT CAPACITORS
CFF = 33pF, CP = 10pF
RUN
5V/DIV
IIN
1A/DIV
ILOAD
2mA/DIV
2ms/DIV
4611 G13
VOUT
500mV/DIV
VIN = 3.3V, VOUT = 1.5V, 0.75V PRE-BIAS LOAD
3 22µF CERAMIC INPUT CAPACITORS
CSS = 10nF
4 100µF CERAMIC OUTPUT CAPACITORS
CFF = 33pF, CP = 10pF
IIN
2A/DIV
20µs/DIV
4611 G10
VOUT
500mV/DIV
VIN = 3.3V, VOUT = 1.5V
15A LOAD PRIOR TO SHORT
IIN
1A/DIV
20µs/DIV
4611 G11
VOUT
500mV/DIV
VIN = 3.3V, VOUT = 1.5V
NO LOAD PRIOR TO SHORT
pin FuncTions
VIN: (A1-A6, B1-B6, C1-C6) Power Input Pins. Apply input
voltage between these pins and GND pins. Recommend
placing input decoupling capacitance directly between
VIN pins and GND pins.
VOUT: (J1-J10, K1-K11, L1-L11, M1-M11) Power Output
Pins. Apply output load between these pins and GND
pins. Recommend placing output decoupling capacitance
directly between these pins and GND pins. Review Table 5.
GND: (B7, B9, C7, C9, D1-D6, D8, E1-E7, E9, F1-F9, G1-G9,
H1-H9) Power Ground Pins for Both Input and Output
Returns.
PGOOD: (F11, G12) Output Voltage Power Good Indicator.
Open-drain logic output that is pulled to ground when the
output voltage exceeds a ±5% regulation window. Both
pins are tied together internally.
SGND: (G11, H11, H12) Signal Ground Pin. Return ground
path for all analog and low power circuitry. Tie a single
connection to the output capacitor GND in the application.
See the layout guidelines in Figure 17.
MODE_PLLIN:(A8)ForcedContinuousMode,BurstMode
Operation, or Pulse-Skipping Mode Selection Pin and
External Synchronization Input to Phase Detector Pin.
Connect this pin to GND to force continuous mode
operation. Connect to INTVCC to enable pulse-skip-
ping mode operation. Leaving the pin floating will
enable Burst Mode operation. A clock on this pin will
enable synchronization with forced continuous operation.
See the Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com