Electronic Components Datasheet Search
  English  ▼

X  

LTM4611 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4611
Description  Ultralow VIN, 15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4611 Datasheet(HTML) 2 Page - Linear Technology

  LTM4611 Datasheet HTML 1Page - Linear Technology LTM4611 Datasheet HTML 2Page - Linear Technology LTM4611 Datasheet HTML 3Page - Linear Technology LTM4611 Datasheet HTML 4Page - Linear Technology LTM4611 Datasheet HTML 5Page - Linear Technology LTM4611 Datasheet HTML 6Page - Linear Technology LTM4611 Datasheet HTML 7Page - Linear Technology LTM4611 Datasheet HTML 8Page - Linear Technology LTM4611 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM4611

4611f
pin conFiguraTion
absoluTe MaxiMuM raTings
Terminal Voltages
VIN ........................................................... –0.2V to 6V
VOUT with
DIFF AMP....–0.1V to the Lesser of (VIN + 0.1V) or 4V
VOUT without
DIFF AMP..–0.1V to the Lesser of (VIN + 0.1V) or 5.5V
RUN, INTVCC, VOUT_LCL ..........................................6V
MODE_PLLIN, PLLFLTR/fSET,
TRACK/SS, VOSNS–, VOSNS+,
PGOOD ................................................. –0.3V to 5.5V
COMP, VFB............................................. –0.3V to 2.7V
Terminal Currents
DIFFVOUT............................................. –10mA to 1mA
Temperatures
Operating Junction Temperature Range
(Note 2) ............................................ –40°C to 125°C
Storage Temperature Range .............. –55°C to 125°C
Peak Solder Reflow Body Temperature
(Note 3) ............................................................ 250°C
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM4611EV#PBF
LTM4611EV#PBF
LTM4611V
133-Lead (15mm
× 15mm × 4.32mm) LGA
–40°C to 125°C
LTM4611IV#PBF
LTM4611IV#PBF
LTM4611V
133-Lead (15mm
× 15mm × 4.32mm) LGA
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
LGA PACKAGE
133-LEAD (15mm 15mm 4.32mm)
VIN
1
2
3
4
5
6
7
8
10
9
11
12
B
C
D
E
F
G
H
J
K
L
A
M
VOSNS+
VOSNS–
DIFFVOUT
VOUT_LCL
MTP1-9
INTVCC
VFB
PLLFLTR/fSET
INTVCC
TRACK/SS
MODE_PLLIN
RUN COMP
TOP VIEW
SGND
PGOOD
VOUT
VIN
GND
TJ(MAX) = 125°C
θJCtop = 26°C/W, θJCbottom = 2.3°C/W, θJB = 10°C/W, θJA = 14°C/W
θ VALUES DETERMINED PER JESD51-12
WEIGHT = 2.6 GRAMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com