Electronic Components Datasheet Search
  English  ▼

X  

LTM4611 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4611
Description  Ultralow VIN, 15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4611 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4611 Datasheet HTML 4Page - Linear Technology LTM4611 Datasheet HTML 5Page - Linear Technology LTM4611 Datasheet HTML 6Page - Linear Technology LTM4611 Datasheet HTML 7Page - Linear Technology LTM4611 Datasheet HTML 8Page - Linear Technology LTM4611 Datasheet HTML 9Page - Linear Technology LTM4611 Datasheet HTML 10Page - Linear Technology LTM4611 Datasheet HTML 11Page - Linear Technology LTM4611 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTM4611

4611f
PLLFLTR/fSET: (B12) Phase-Locked Loop Lowpass Filter
for the Internal Phase Detector. LTM4611’s default switch-
ing frequency is 500kHz. Its switching frequency can be
increasedbyconnectingaresistorfromthispintoINTVCC,
or decreased by connecting a resistor from this pin to
SGND. See the Applications Information section.
VFB: (F12) The Negative Input of the Error Amplifier.
Internally, this pin is connected to VOUT_LCL with a 60.4k
precision resistor. Different output voltages can be pro-
grammed with an additional resistor between the VFB and
GND pins. In PolyPhase® operation, tying the VFB pins
togetherallowsforparalleloperation.SeetheApplications
Information section for details.
TRACK/SS: (A9) Output Voltage Tracking Pin and Soft-
Start Inputs. The pin has a 1.4µA pull-up current source.
A capacitor from this pin to ground will set a soft-start
ramp rate. In tracking, the regulator output can be tracked
to a different voltage. The different voltage is applied to
a voltage divider then the slave output’s track pin. This
voltage divider is equal to the slave output’s feedback
divider for coincidental tracking. Tie all TRACK/SS pins
together for parallel operation. See the Applications In-
formation section.
COMP:(A11)CurrentControlThresholdandErrorAmplifier
Compensation Point. The current comparator threshold
increases with this control voltage. Tie all COMP pins
together for parallel operation. The device is internally
compensated.
RUN: (A10) Run Control Pin. A voltage above 1.35V will
turnoninthemodule.TheVINundervoltagelockout(UVLO)
of the LTM4611 must be set with resistor networks from
VIN to RUN and optionally from RUN to GND. Tie all RUN
pins together for parallel operation.
pin FuncTions
INTVCC: (A7, D9) Internal 5V LDO for Driving the Control
Circuitry and the Power MOSFET Drivers. Both pins are
internally connected.
VOUT_LCL: (L12) This pin connects to VOUT through a 1M
resistor and to VFBwitha60.4kresistor.Theremotesense
amplifier output DIFFVOUT is connected to VOUT_LCL, and
drives the 60.4k top feedback resistor in remote sensing
applications. When the remote sense amplifier is used,
the DIFF_VOUT effectively eliminates the 1MΩ from VOUT
to VOUT_LCL. When the remote sense amplifier is not used,
then connect VOUT_LCL to VOUT directly.
VOSNS+: (J12) (+) Input to the Remote Sense Amplifier.
This pin connects to the output remote sense point. The
remote sense amplifier is used for VOUT ≤ 3.7V. For VOUT
> 3.7V, tie VOSNS+ to GND to rail the output of the remote
sense amplifier.
VOSNS–: (M12) (–) Input to the Remote Sense Amplifier.
This pin connects to the ground remote sense point. The
remote sense amplifier is used for VOUT ≤ 3.7 V. For VOUT >
3.7V, tie VOSNS– to INTVCC to rail the output of the remote
sense amplifier.
DIFFVOUT: (K12) Output of the Remote Sense Amplifier.
This pin connects to the VOUT_LCL pin for remote sense
applications. Otherwise float when not used.
MTP1:A12, MTP2:B11, MTP3:C10, MTP4:C11, MTP5:
C12, MTP6:D10, MTP7:D11, MTP8:D12, MTP9:E12:
Extra mounting pads used for increased solder integrity
strength. Leave electrically open circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com