Electronic Components Datasheet Search
  English  ▼

X  

LTM4611 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4611
Description  Ultralow VIN, 15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4611 Datasheet(HTML) 3 Page - Linear Technology

  LTM4611 Datasheet HTML 1Page - Linear Technology LTM4611 Datasheet HTML 2Page - Linear Technology LTM4611 Datasheet HTML 3Page - Linear Technology LTM4611 Datasheet HTML 4Page - Linear Technology LTM4611 Datasheet HTML 5Page - Linear Technology LTM4611 Datasheet HTML 6Page - Linear Technology LTM4611 Datasheet HTML 7Page - Linear Technology LTM4611 Datasheet HTML 8Page - Linear Technology LTM4611 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM4611

4611f
elecTrical characTerisTics The
l
denotes the specifications which apply over the full internal operating
junction temperature range, otherwise specifications are at TA = 25°C, VIN = 3.3V, per the typical application in Figure 21.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Specifications
VIN
Input DC Voltage
l
1.5
5.5
V
VRUN
RUN Pin On Threshold
VRUN Rising
l
1.1
1.22
1.35
V
VRUNHYS
RUN Pin On Hysteresis
80
mV
VRUN(FLOAT)
RUN Pin Voltage when Floating
3.4
3.65
4
V
IRUN(UP,1V)
RUN Pin Pull-Up Current
(RUN = 1V)
1.1
µA
IRUN(UP,1.5V)
RUN Pin Pull-Up Current
(RUN = 1.5V)
10
µA
IRUN(DOWN,5V)
RUN Pin Pull-Down Current
(RUN = 5V)
1
nA
IQ
Input Supply Bias Current
VOUT = 1.5V, Burst Mode Operation, IOUT = 0.1A
VOUT = 1.5V, Pulse-Skipping Mode, IOUT = 0.1A
VOUT = 1.5V, Switching Continuous, IOUT = 0.1A
Shutdown, RUN = 0V
70
140
145
1.1
mA
mA
mA
mA
IS(VIN)
Input Supply Current
VIN = 2.5V, VOUT = 1.5V, IOUT = 15A
VIN = 3.3V, VOUT = 1.5V, IOUT = 15A
VIN = 5V, VOUT = 1.5V, IOUT = 15A
VIN = 1.5V, VOUT = 0.8V, IOUT = 15A
10.4
7.9
5.3
10.2
A
A
A
A
Output Specifications
VOUT(DC)
Output Voltage, Total Variation
with Line and Load
Utilizing DIFF_AMP, RFB = Not Used, VIN = 1.5V to
5.5V, IOUT = 0A to 15A (Note 4), RFB Electrically
Floating, MODE_PLLIN = GND
l
0.785
0.781
0.797
0.797
0.809
0.813
V
V
VOUT(RANGE)
Utilizing DIFF_AMP
(Example See Figure 21)
3.7
V
Not Utilizing DIFF_AMP
(Example See Figure 20)
5.4
V
IOUT(DC)
Output Continuous Current Range VOUT = VFB (Note 4)
0
15
A
∆VOUT (Line)
VOUT
Line Regulation Accuracy
VOUT = VFB, VIN from 1.5V to 5.5V, IOUT = 0A
l
0.3
%
∆VOUT (Load)
VOUT
Load Regulation Accuracy
VOUT = 1.5V, IOUT = 0A to 15A, VIN = 3.3V
(Note 4)
l
0.2
0.5
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100µF ×4 X5R Ceramic,
VIN = 3.3V, VOUT = 1.5V
8
mVP-P
∆VOUT(START)
Turn-On Overshoot
COUT = 100µF ×4 X5R Ceramic, VOUT = 1.5V,
IOUT = 0A, VIN = 3.3V, CSS = 1nF
5
mV
tSTART
Turn-On Time
COUT = 100µF ×4 X5R Ceramic, No Load,
CSS = 1nF, VIN = 3.3V, VOUT = 1.5V
500
µs
∆VOUTLS
Peak Deviation for Dynamic Load Load: 0% to 50% to 0% of Full Load
VIN = 3.3V, VOUT = 1.5V, COUT = 100µF ×4
X5R Ceramic, CFF = 100pF
60
mV
tSETTLE
Settling Time for Dynamic Load
Step
Load: 0% to 50% to 0% of Full Load
VIN = 3.3V, VOUT = 1.5V, COUT = 100µF ×4
X5R Ceramic, CFF = 100pF
40
µs
IOUT(PK)
Output Current Limit
VIN = 5V, VOUT = 1.5V
VIN = 3.3V, VOUT = 1.5V
30
30
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com