Electronic Components Datasheet Search
  English  ▼

X  

LTM4611 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4611
Description  Ultralow VIN, 15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4611 Datasheet(HTML) 4 Page - Linear Technology

  LTM4611 Datasheet HTML 1Page - Linear Technology LTM4611 Datasheet HTML 2Page - Linear Technology LTM4611 Datasheet HTML 3Page - Linear Technology LTM4611 Datasheet HTML 4Page - Linear Technology LTM4611 Datasheet HTML 5Page - Linear Technology LTM4611 Datasheet HTML 6Page - Linear Technology LTM4611 Datasheet HTML 7Page - Linear Technology LTM4611 Datasheet HTML 8Page - Linear Technology LTM4611 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTM4611

4611f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Control Section
VFB
Voltage at VFB Pin
IOUT = 0A, VOUT = VFB
l
0.783
0.797
0.811
V
IFB
–10
nA
VOVL
Feedback Overvoltage Lockout
l
0.84
0.87
0.89
V
ITRACK/SS
Track Pin Soft-Start Pull-Up
Current
TRACK/SS = 0V
0.9
1.4
1.9
µA
tON(MIN)
Minimum On-Time
(Note 5)
90
ns
RFBHI
Resistor Between VOUT_LCL
and VFB Pins
60.05
60.40
60.75
kΩ
VOSNS+,
VOSNS– CM RANGE
Common Mode Input Range
VIN = 3.3V, Run > 1.5V
0
INTVCC – 1
V
DIFFVOUT Range
DIFF_AMP Output Voltage Range
VIN = 3.3V, DIFFVOUT Load = 100k
0
INTVCC
V
VOS
DIFF_AMP Input Offset Voltage
Magnitude
l
1.25
2
mV
mV
AV
DIFF_AMP Differential Gain
1
V/V
VPGOOD
PGOOD Trip Level
VFB with Respect to Set Output
VFB Ramping Positive, PGOOD Transitioning
VFB Ramping Positive, PGOOD Transitioning
VFB Ramping Negative, PGOOD Transitioning
VFB Ramping Negative, PGOOD Transitioning
–10
5
5
–10
–7.5
7.5
7.5
–7.5
–5
10
10
–5
%
%
%
%
SR
DIFF_AMP Slew Rate
2
V/µs
GBP
DIFF_AMP Gain-Bandwidth
Product
3
MHz
CMRR
DIFF_AMP Common Mode
Rejection
100
dB
RIN
DIFF_AMP Input Resistance
VOSNS+ to GND
19.9
20.0
20.1
kΩ
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
1.5V < VIN < 5.5V
4.8
5
5.2
V
VINTVCC Load Reg INTVCC Load Regulation
ICC = 0 to 50mA
0.5
%
Oscillator and Phase-Locked Loop
fS
Output Ripple Voltage Frequency
VIN = 3.3V, VOUT = 1.5V,
0.85V ≤ PLLFLTR/fSET ≤ 2.0V
280
835
kHz
fSYNC
SYNC Capture Range
360
710
kHz
elecTrical characTerisTics The
l
denotes the specifications which apply over the full internal operating
junction temperature range, otherwise specifications are at TA = 25°C, VIN = 3.3V, per the typical application in Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com