Electronic Components Datasheet Search
  English  ▼

X  

LTM4611 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4611
Description  Ultralow VIN, 15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4611 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4611 Datasheet HTML 12Page - Linear Technology LTM4611 Datasheet HTML 13Page - Linear Technology LTM4611 Datasheet HTML 14Page - Linear Technology LTM4611 Datasheet HTML 15Page - Linear Technology LTM4611 Datasheet HTML 16Page - Linear Technology LTM4611 Datasheet HTML 17Page - Linear Technology LTM4611 Datasheet HTML 18Page - Linear Technology LTM4611 Datasheet HTML 19Page - Linear Technology LTM4611 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTM4611

4611f
applicaTions inForMaTion
Decreasing the PLLFLTR/fSET RC time constant can be
accomplished, for example, by driving the PLLFLTR/fSET
pin with an external, lower impedance resistor divider
network from INTVCC and GND to PLLFLTR/fSET—in the
simplest of implementations, by shorting PLLFLTR/fSET
to INTVCC (thereby programming the switching frequency
to 780kHz, nominal), or by driving the PLLFLTR/fSET pin
from a low impedance voltage source.
When,inadditiontoneedingfasterturn-ontime,oneisalso
synchronizing to an external clock signal, one need bear in
mind: the PLL’s sink and source current is recommended
for not more than ±8µA loading, and the PLL will need
to successfully drive any external PLLFLTR/fSET network
impedance to achieve phase lock; and lastly, some phase
shiftinclocksynchronizationwilloccurasexternalloading
on PLLFLTR/fSET becomes heavier.
Tobeclear,usingaCSSvalueof10nF(orhigher)eliminates
the need for any of the above special considerations or
provisions.
Ratiometric tracking can be achieved by a few simple
calculations and the slew rate value applied to the master’s
TRACK/SSpin.Asmentionedabove,theTRACK/SSpinhas
a control range from 0V to 0.8V. The master’s TRACK/SS
pin slew rate is directly equal to the master’s output slew
rate in volts/time. The equation:
MR
SR
• 60.4k
= RTB
where MR is the master’s output slew rate and SR is the
slave’s output slew rate in volts/time. When coincident
tracking is desired, then MR and SR are equal, thus RTB
is equal to 60.4k. RTA is derived from equation:
RTA=
0.8V
VFB
60.4k
+
VFB
RFB2
–
VTRACK
RTB
where VFB is the feedback voltage reference of the regula-
tor, and VTRACK is 0.8V. Since RTB is equal to the 60.4k
top feedback resistor of the slave regulator in equal slew
rate or coincident tracking, then RTA is equal to RFB2 with
VFB = VTRACK. Therefore RTB = 60.4k, and RTA = 121k in
Figure 4.
Inratiometrictracking,adifferentslewratemaybedesired
for the slave regulator. RTB can be solved for when SR is
slower than MR. Make sure that the slave supply slew rate
ischosentobefastenoughsothattheslaveoutputvoltage
will reach its final value before the master output.
For example, MR = 1.5V/ms, and SR = 1.2V/ms. Then RTB
= 75k. Solve for RTA to equal to 87k.
Beware that without any kind of soft-start ramp up, it is
important to provide thorough input filter capacitance to
handle input surge currents at start-up, so as to avoid
excessive input line sag and power supply motor boating.
Leavingprovisionforatleastasoft-startcapacitorinone’s
application is strongly recommended.
Overcurrent and Overvoltage Protection
The LTM4611 has overcurrent protection (OCP) in a
short circuit. The internal current comparator threshold
folds back during a short to reduce the output current.
An overvoltage condition (OVP) above 7.5% of the regu-
lated output voltage will force the top MOSFET off and
the bottom MOSFET on until the condition is cleared. An
input electronic circuit breaker or fuse can be sized to be
tripped or cleared when the bottom MOSFET is turned on
toprotectagainsttheovervoltage.Foldbackcurrentlimiting
is disabled during soft-start or tracking start-up.
Run Enable
The RUN pin is used to enable the power module or
sequence the power module. The threshold is 1.22V. The
RUN pin must be used as an undervoltage lockout (UVLO)
function by connecting a resistor divider from the input
supply to the RUN pin:
R2
=
R1
VUVLO
1.22V
– 1
To achieve the lowest possible UVLO, 1.22V, leave R2
unpopulated. R1 can be 10k, or if R2 is unpopulated, R1
may be replaced with a hardwired connection from VIN
to RUN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com