Electronic Components Datasheet Search
  English  ▼

X  

LT3080EST Datasheet(PDF) 1 Page - Linear Technology

Part # LT3080EST
Description  Adjustable1.1A Single Resistor Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080EST Datasheet(HTML) 1 Page - Linear Technology

  LT3080EST Datasheet HTML 1Page - Linear Technology LT3080EST Datasheet HTML 2Page - Linear Technology LT3080EST Datasheet HTML 3Page - Linear Technology LT3080EST Datasheet HTML 4Page - Linear Technology LT3080EST Datasheet HTML 5Page - Linear Technology LT3080EST Datasheet HTML 6Page - Linear Technology LT3080EST Datasheet HTML 7Page - Linear Technology LT3080EST Datasheet HTML 8Page - Linear Technology LT3080EST Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT3080
1
3080fb
Adjustable1.1A Single
Resistor Low Dropout
Regulator
The LT®3080 is a 1.1A low dropout linear regulator that can
be paralleled to increase output current or spread heat in
surface mounted boards. Architected as a precision cur-
rent source and voltage follower allows this new regulator
to be used in many applications requiring high current,
adjustability to zero, and no heat sink. Also the device
brings out the collector of the pass transistor to allow low
dropout operation —down to 350 millivolts— when used
with multiple supplies.
A key feature of the LT3080 is the capability to supply a
wide output voltage range. By using a reference current
through a single resistor, the output voltage is programmed
to any level between zero and 36V. The LT3080 is stable
with 2.2μF of capacitance on the output, and the IC uses
small ceramic capacitors that do not require additional
ESR as is common with other regulators.
Internal protection circuitry includes current limiting and
thermal limiting. The LT3080 regulator is offered in the
8-lead MSOP (with an exposed pad for better thermal
characteristics), a 3mm × 3mm DFN, 5-lead DD-Pak,
TO-220 and a simple-to-use 3-lead SOT-223 version.
n High Current All Surface Mount Supply
n High Efficiency Linear Regulator
n Post Regulator for Switching Supplies
n Low Parts Count Variable Voltage Supply
n Low Output Voltage Power Supplies
n Outputs May be Paralleled for Higher Current and
Heat Spreading
n Output Current: 1.1A
n Single Resistor Programs Output Voltage
n 1% Initial Accuracy of SET Pin Current
n Output Adjustable to 0V
n Low Output Noise: 40μVRMS (10Hz to 100kHz)
n Wide Input Voltage Range: 1.2V to 36V
n Low Dropout Voltage: 350mV (Except SOT-223
Package)
n <1mV Load Regulation
n <0.001%/V Line Regulation
n Minimum Load Current: 0.5mA
n Stable with 2.2μF Minimum Ceramic Output Capacitor
n Current Limit with Foldback and Overtemperature
Protected
n Available in 8-Lead MSOP, 3mm × 3mm DFN,
5-Lead DD-Pak, TO-220 and 3-Lead SOT-223
Variable Output Voltage 1.1A Supply
+
–
LT3080
IN
VIN
1.2V TO 36V
VCONTROL
OUT
3080 TA01a
SET
1μF
2.2μF
RSET
VOUT = RSET • 10μA
VOUT
Set Pin Current Distribution
SET PIN CURRENT DISTRIBUTION (μA)
10.20
3080 G02
9.90
10.00
10.10
9.80
N = 13792
TYPICAL APPLICATION
DESCRIPTION
FEATURES
APPLICATIONS
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and VLDO
and ThinSOT are trademarks of Linear Technology Corporation. All other trademarks are the
property of their respective owners.


Similar Part No. - LT3080EST

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
logo
Linear Technology
LT3080EDD-1 LINER-LT3080EDD-1 Datasheet
306Kb / 24P
Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3080EDD-1-PBF LINER-LT3080EDD-1-PBF Datasheet
306Kb / 24P
Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3080EDD-1-TR LINER-LT3080EDD-1-TR Datasheet
306Kb / 24P
Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3080EDD-1-TRPBF LINER-LT3080EDD-1-TRPBF Datasheet
306Kb / 24P
Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
More results

Similar Description - LT3080EST

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
LT3082 LINER-LT3082 Datasheet
295Kb / 20P
200mA Single Resistor Low Dropout Linear Regulator
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3080 LINER-LT3080_15 Datasheet
381Kb / 28P
Adjustable1.1A Single Resistor Low Dropout Regulator
LT3082 LINER-LT3082_15 Datasheet
299Kb / 20P
200mA Single Resistor Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com