Electronic Components Datasheet Search
  English  ▼

X  

LT3080EST Datasheet(PDF) 18 Page - Linear Technology

Part # LT3080EST
Description  Adjustable1.1A Single Resistor Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080EST Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3080EST Datasheet HTML 14Page - Linear Technology LT3080EST Datasheet HTML 15Page - Linear Technology LT3080EST Datasheet HTML 16Page - Linear Technology LT3080EST Datasheet HTML 17Page - Linear Technology LT3080EST Datasheet HTML 18Page - Linear Technology LT3080EST Datasheet HTML 19Page - Linear Technology LT3080EST Datasheet HTML 20Page - Linear Technology LT3080EST Datasheet HTML 21Page - Linear Technology LT3080EST Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LT3080
18
3080fb
High Voltage Regulator
Ramp Generator
+
–
LT3080
6.1V
IN
1N4148
VIN
50V
VCONTROL
OUT
VOUT
1A
VOUT = 20V
VOUT = 10μA • RSET
3080 TA10
SET
RSET
2MEG
4.7μF
15μF
10μF
BUZ11
10k
+
+
+
–
LT3080
IN
VIN
5V
VCONTROL
OUT
VOUT
3080 TA12
SET
1N4148
VN2222LL
VN2222LL
4.7μF
1μF
1μF
Ground Clamp
Reference Buffer
+
–
LT3080
IN
VIN
VCONTROL
OUT
4.7μF
VOUT
VEXT
3080 TA13
1N4148
5k
20Ω
1μF
+
–
LT3080
IN
VIN
VCONTROL
OUT
VOUT*
3080 TA11
SET
OUTPUT
INPUT
C1
1μF
GND
C2
4.7μF
LT1019
*MIN LOAD 0.5mA
3080 TA20
20mΩ
20mΩ
42Ω*
47μF
3.3VOUT
2.6A
33k
*4mV DROP ENSURES LT3080 IS
OFF WITH NO LOAD
MULTIPLE LT3080’S CAN BE USED
+
–
LT3080
10μF
5V
OUT
SET
LT1963-3.3
Boosting Fixed Output Regulators
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com