Electronic Components Datasheet Search
  English  ▼

X  

LT3080EST Datasheet(PDF) 14 Page - Linear Technology

Part # LT3080EST
Description  Adjustable1.1A Single Resistor Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080EST Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3080EST Datasheet HTML 10Page - Linear Technology LT3080EST Datasheet HTML 11Page - Linear Technology LT3080EST Datasheet HTML 12Page - Linear Technology LT3080EST Datasheet HTML 13Page - Linear Technology LT3080EST Datasheet HTML 14Page - Linear Technology LT3080EST Datasheet HTML 15Page - Linear Technology LT3080EST Datasheet HTML 16Page - Linear Technology LT3080EST Datasheet HTML 17Page - Linear Technology LT3080EST Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LT3080
14
3080fb
The power in the drive circuit equals:
PDRIVE = (VCONTROL – VOUT)(ICONTROL)
where ICONTROL is equal to IOUT/60. ICONTROL is a function
of output current. A curve of ICONTROL vs IOUT can be found
in the Typical Performance Characteristics curves.
The power in the output transistor equals:
POUTPUT = (VIN – VOUT)(IOUT)
The total power equals:
PTOTAL = PDRIVE + POUTPUT
The current delivered to the SET pin is negligible and can
be ignored.
VCONTROL(MAX CONTINUOUS) = 3.630V (3.3V + 10%)
VIN(MAX CONTINUOUS) = 1.575V (1.5V + 5%)
VOUT = 0.9V, IOUT = 1A, TA = 50°C
Power dissipation under these conditions is equal to:
PDRIVE = (VCONTROL – VOUT)(ICONTROL)
I
I
A
mA
CONTROL
OUT
==
=
60
1
60
17
PDRIVE = (3.630V – 0.9V)(17mA) = 46mW
POUTPUT = (VIN – VOUT)(IOUT)
POUTPUT = (1.575V – 0.9V)(1A) = 675mW
Total Power Dissipation = 721mW
Junction Temperature will be equal to:
TJ = TA + PTOTAL • θJA (approximated using tables)
TJ = 50°C + 721mW • 64°C/W = 96°C
In this case, the junction temperature is below the maxi-
mum rating, ensuring reliable operation.
Reducing Power Dissipation
In some applications it may be necessary to reduce
the power dissipation in the LT3080 package without
sacrificing output current capability. Two techniques are
available. The first technique, illustrated in Figure 8, em-
ploys a resistor in series with the regulator’s input. The
voltage drop across RS decreases the LT3080’s IN-to-OUT
differential voltage and correspondingly decreases the
LT3080’s power dissipation.
As an example, assume: VIN = VCONTROL = 5V, VOUT = 3.3V
and IOUT(MAX) = 1A. Use the formulas from the Calculating
Junction Temperature section previously discussed.
Without series resistor RS, power dissipation in the LT3080
equals:
PTOTAL = 5V – 3.3V
() •
1A
60
+ 5V – 3.3V
() •1A
=1.73W
If the voltage differential (VDIFF) across the NPN pass
transistor is chosen as 0.5V, then RS equals:
R
S =
5V – 3.3V −0.5V
1A
=1.2Ω
Power dissipation in the LT3080 now equals:
PTOTAL = 5V – 3.3V
() •
1A
60
+ 0.5V
() •1A =0.53W
The LT3080’s power dissipation is now only 30% compared
to no series resistor. RS dissipates 1.2W of power. Choose
appropriate wattage resistors to handle and dissipate the
power properly.
Figure 8. Reducing Power Dissipation Using a Series Resistor
+
–
LT3080
IN
VCONTROL
OUT
VOUT
VINʹ
VIN
C2
3080 F08
SET
RSET
RS
C1
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com