Electronic Components Datasheet Search
  English  ▼

X  

LT3080EST Datasheet(PDF) 17 Page - Linear Technology

Part # LT3080EST
Description  Adjustable1.1A Single Resistor Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080EST Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3080EST Datasheet HTML 13Page - Linear Technology LT3080EST Datasheet HTML 14Page - Linear Technology LT3080EST Datasheet HTML 15Page - Linear Technology LT3080EST Datasheet HTML 16Page - Linear Technology LT3080EST Datasheet HTML 17Page - Linear Technology LT3080EST Datasheet HTML 18Page - Linear Technology LT3080EST Datasheet HTML 19Page - Linear Technology LT3080EST Datasheet HTML 20Page - Linear Technology LT3080EST Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LT3080
17
3080fb
Adding Soft-Start
Coincident Tracking
+
–
LT3080
IN
VCONTROL
OUT
4.7μF
VOUT3
5V
SET
C3
4.7μF
+
–
LT3080
IN
VCONTROL
OUT
VOUT2
3.3V
3080 TA08
SET
R2
80.6k
169k
C2
4.7μF
C1
1.5μF
+
–
LT3080
IN
VCONTROL
VIN
7V TO 28V
OUT
SET
R1
249k
VOUT1
2.5V
1A
+
–
LT3080
IN
VIN
4.8V to 28V
VCONTROL
OUT
VOUT
3.3V
1A
COUT
4.7μF
3080 TA07
SET
R1
332k
C2
0.01μF
C1
1μF
D1
1N4148
TYPICAL APPLICATIONS
+
–
LT3080
+
–
LT3080
IN
IN
VIN
12V TO 18V
VCONTROL
VCONTROL
OUT
OUT
4.7μF
100μF
VOUT
0V TO 10V
3080 TA09
SET
SET
+
15μF
R4
1MEG
1Ω
100k
0A TO 1A
+
15μF
+
Lab Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com