Electronic Components Datasheet Search
  English  ▼

X  

LT3080EST Datasheet(PDF) 26 Page - Linear Technology

Part # LT3080EST
Description  Adjustable1.1A Single Resistor Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080EST Datasheet(HTML) 26 Page - Linear Technology

Back Button LT3080EST Datasheet HTML 18Page - Linear Technology LT3080EST Datasheet HTML 19Page - Linear Technology LT3080EST Datasheet HTML 20Page - Linear Technology LT3080EST Datasheet HTML 21Page - Linear Technology LT3080EST Datasheet HTML 22Page - Linear Technology LT3080EST Datasheet HTML 23Page - Linear Technology LT3080EST Datasheet HTML 24Page - Linear Technology LT3080EST Datasheet HTML 25Page - Linear Technology LT3080EST Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LT3080
26
3080fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0610 REV B • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LDOs
LT1086
1.5A Low Dropout Regulator
Fixed 2.85V, 3.3V, 3.6V, 5V and 12V Output
LT1117
800mA Low Dropout Regulator
1V Dropout, Adjustable or Fixed Output, DD-Pak, SOT-223 Packages
LT1118
800mA Low Dropout Regulator
OK for Sinking and Sourcing, S0-8 and SOT-223 Packages
LT1963A
1.5A Low Noise, Fast Transient Response LDO
340mV Dropout Voltage, Low Noise: 40μVRMS, VIN = 2.5V to 20V,
TO-220, DD-Pak, SOT-223 and SO-8 Packages
LT1965
1.1A Low Noise LDO
290mV Dropout Voltage, Low Noise 40μVRMS, VIN = 1.8V to 20V,
VOUT = 1.2V to 19.5V, Stable with Ceramic Caps TO-220, DD-Pak,
MSOP and 3mm × 3mm DFN packages.
LTC®3026
1.5A Low Input Voltage VLDOTM Regulator
VIN: 1.14V to 3.5V (Boost Enabled), 1.14V to 5.5V (with External 5V),
VDO = 0.1V, IQ = 950μA, Stable with 10μF Ceramic Capacitors, 10-Lead
MSOP and DFN Packages
Switching Regulators
LT1976
High Voltage, 1.5A Step-Down Switching Regulator
f = 200kHz, IQ = 100μA, TSSOP-16E Package
LTC3414
4A (IOUT), 4MHz Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V, TSSOP Package
LTC3406/LTC3406B
600mA (IOUT), 1.5MHz Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 20μA,
ISD < 1μA, ThinSOT
TM Package
LTC3411
1.25A (IOUT), 4MHz Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60μA,
ISD < 1μA, 10-Lead MS or DFN Packages
Paralleling Regulators
+
–
LT3080
IN
VIN
4.8V TO 28V
VCONTROL
OUT 20mΩ
10μF
VOUT
3.3V
2A
3080 TA14
165k
SET
1μF
+
–
LT3080
IN
VCONTROL
OUT 20mΩ
SET
RELATED PARTS
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com