Electronic Components Datasheet Search
  English  ▼

X  

LT3080EST Datasheet(PDF) 16 Page - Linear Technology

Part # LT3080EST
Description  Adjustable1.1A Single Resistor Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080EST Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3080EST Datasheet HTML 12Page - Linear Technology LT3080EST Datasheet HTML 13Page - Linear Technology LT3080EST Datasheet HTML 14Page - Linear Technology LT3080EST Datasheet HTML 15Page - Linear Technology LT3080EST Datasheet HTML 16Page - Linear Technology LT3080EST Datasheet HTML 17Page - Linear Technology LT3080EST Datasheet HTML 18Page - Linear Technology LT3080EST Datasheet HTML 19Page - Linear Technology LT3080EST Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LT3080
16
3080fb
Higher Output Current
Adding Shutdown
Current Source
Low Dropout Voltage LED Driver
+
–
LT3080
IN
50Ω
MJ4502
VCONTROL
OUT
3080 TA02
SET
4.7μF
332k
VOUT
3.3V
5A
+
1μF
100μF
+
100μF
VIN
6V
+
–
LT3080
IN
VCONTROL
OUT 1Ω
100k
3080 TA03
SET
IOUT
0A TO 1A
4.7μF
VIN
10V
1μF
+
–
LT3080
IN
100mA
D1
VCONTROL
OUT
VIN
3080 TA05
SET
R1
24.9k
R2
2.49Ω
C1
+
–
LT3080
IN
VIN
VCONTROL
OUT
VOUT
3080 TA04
SET
1N4148
R1
ON OFF
SHUTDOWN
Q1
VN2222LL
Q2*
VN2222LL
Q2 INSURES ZERO OUTPUT
IN THE ABSENCE OF ANY
OUTPUT LOAD.
*
Using a Lower Value SET Resistor
+
–
LT3080
IN
1mA
VIN
12V
VCONTROL
OUT
COUT
4.7μF
VOUT
0.5V TO 10V
3080 TA06
SET
R1
49.9k
1%
RSET
10k
R2
499Ω
1%
C1
1μF
VOUT = 0.5V + 1mA • RSET
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com