Electronic Components Datasheet Search
  English  ▼

X  

LT3080EST Datasheet(PDF) 15 Page - Linear Technology

Part # LT3080EST
Description  Adjustable1.1A Single Resistor Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080EST Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3080EST Datasheet HTML 11Page - Linear Technology LT3080EST Datasheet HTML 12Page - Linear Technology LT3080EST Datasheet HTML 13Page - Linear Technology LT3080EST Datasheet HTML 14Page - Linear Technology LT3080EST Datasheet HTML 15Page - Linear Technology LT3080EST Datasheet HTML 16Page - Linear Technology LT3080EST Datasheet HTML 17Page - Linear Technology LT3080EST Datasheet HTML 18Page - Linear Technology LT3080EST Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LT3080
15
3080fb
The second technique for reducing power dissipation,
shown in Figure 9, uses a resistor in parallel with the
LT3080. This resistor provides a parallel path for current
flow, reducing the current flowing through the LT3080.
This technique works well if input voltage is reasonably
constant and output load current changes are small. This
technique also increases the maximum available output
current at the expense of minimum load requirements.
As an example, assume: VIN = VCONTROL = 5V, VIN(MAX) =
5.5V, VOUT = 3.3V, VOUT(MIN) = 3.2V, IOUT(MAX) = 1A and
IOUT(MIN) = 0.7A. Also, assuming that RP carries no more
than 90% of IOUT(MIN) = 630mA.
Calculating RP yields:
R
P =
5.5V – 3.2V
0.63A
= 3.65Ω
(5% Standard value = 3.6Ω)
The maximum total power dissipation is (5.5V – 3.2V) •
1A = 2.3W. However the LT3080 supplies only:
1A –
5.5V – 3.2V
3.6Ω
= 0.36A
Therefore, the LT3080’s power dissipation is only:
PDIS = (5.5V – 3.2V) • 0.36A = 0.83W
RP dissipates 1.47W of power. As with the first technique,
choose appropriate wattage resistors to handle and dis-
sipate the power properly. With this configuration, the
LT3080 supplies only 0.36A. Therefore, load current can
increase by 0.64A to 1.64A while keeping the LT3080 in
its normal operating range.
Figure 9. Reducing Power Dissipation Using a Parallel Resistor
+
–
LT3080
IN
VCONTROL
OUT
VOUT
VIN
C2
3080 F09
SET
RSET
RP
C1
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com