Electronic Components Datasheet Search
  English  ▼

X  

LT3080EST Datasheet(PDF) 6 Page - Linear Technology

Part # LT3080EST
Description  Adjustable1.1A Single Resistor Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080EST Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3080EST Datasheet HTML 2Page - Linear Technology LT3080EST Datasheet HTML 3Page - Linear Technology LT3080EST Datasheet HTML 4Page - Linear Technology LT3080EST Datasheet HTML 5Page - Linear Technology LT3080EST Datasheet HTML 6Page - Linear Technology LT3080EST Datasheet HTML 7Page - Linear Technology LT3080EST Datasheet HTML 8Page - Linear Technology LT3080EST Datasheet HTML 9Page - Linear Technology LT3080EST Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LT3080
6
3080fb
TYPICAL PERFORMANCE CHARACTERISTICS
VCONTROL Pin Current
Residual Output Voltage with
Less Than Minimum Load
Ripple Rejection, Single Supply
Ripple Rejection, Dual Supply,
IN Pin
Ripple Rejection, Dual Supply,
VCONTROL Pin
LOAD CURRENT (A)
0
0
5
10
15
20
30
0.2
0.4
0.6
0.8
3080 G19
1.0
1.2
25
VCONTROL – VOUT = 2V
VIN – VOUT = 1V
TJ = –50°C
TJ = 125°C
TJ = 25°C
RTEST (Ω)
0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
3080 G20
2k
1k
VIN = 20V
VIN = 5V
SET PIN = 0V
VIN
VOUT
RTEST
VIN = 10V
FREQUENCY (Hz)
0
40
100
10k
100k
100
10
1k
1M
3080 G21
20
60
80
30
90
10
50
70
VIN = VCONTROL = VOUT (NOMINAL) + 2V
RIPPLE = 50mVP-P
COUT = 2.2µF CERAMIC
ILOAD = 100mA
ILOAD = 1.1A
FREQUENCY (Hz)
0
40
100
10k
100k
100
10
1k
1M
3080 G22
20
60
80
30
90
10
50
70
VIN = VOUT (NOMINAL) + 1V
VCONTROL = VOUT (NOMINAL) +2V
COUT = 2.2µF CERAMIC
RIPPLE = 50mVP-P
ILOAD = 100mA
ILOAD = 1.1A
FREQUENCY (Hz)
0
40
100
10k
100k
100
10
1k
1M
3080 G23
20
60
80
30
90
10
50
70
VIN = VOUT (NOMINAL) + 1V
VCONTROL = VOUT (NOMINAL) +2V
RIPPLE = 50mVP-P
COUT = 2.2µF CERAMIC
ILOAD = 1.1A
VCONTROL Pin Current
INPUT-TO-OUTPUT DIFFERENTIAL (V)
0
0
5
10
15
20
25
6
12
18
24
3080 G18
30
36*
ILOAD = 1.1A
ILOAD = 1mA
DEVICE IN
CURRENT LIMIT
*SEE NOTE 9 IN ELECTRICAL
CHARACTERISTICS TABLE
FREQUENCY (Hz)
1
10k
10k
100k
100
10
1k
3080 G25
100
10
1k
0.1
1k
10
1.0
100
Ripple Rejection (120Hz)
Noise Spectral Density
TEMPERATURE (°C)
–50
70
71
73
74
75
80
77
0
50
75
3080 G24
72
78
79
76
–25
25
100 125
150
SINGLE SUPPLY OPERATION
VIN = VOUT(NOMINAL) + 2V
RIPPLE = 500mVP-P, f = 120Hz
ILOAD = 1.1A
CSET = 0.1μF, COUT = 2.2μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com