Electronic Components Datasheet Search
  English  ▼

X  

BD6761FS Datasheet(PDF) 11 Page - Rohm

Part # BD6761FS
Description  Three-phase Brushless Motor Pre-drivers for Paper Feed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6761FS Datasheet(HTML) 11 Page - Rohm

Back Button BD6761FS Datasheet HTML 7Page - Rohm BD6761FS Datasheet HTML 8Page - Rohm BD6761FS Datasheet HTML 9Page - Rohm BD6761FS Datasheet HTML 10Page - Rohm BD6761FS Datasheet HTML 11Page - Rohm BD6761FS Datasheet HTML 12Page - Rohm BD6761FS Datasheet HTML 13Page - Rohm BD6761FS Datasheet HTML 14Page - Rohm BD6761FS Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
BD6761FS,BD6762FV
Technical Note
11/22
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●
Timing Chart
1) BD6761FS
Fig.11 BD6761FS I/O Timing Chart
SINU, SINV, and SINW are the internal IC signals synthesized by the Hall amplifier.
2) BD6762FV
Fig.12 BD6762FV I/O Timing Chart
UH
UL
VH
VL
WH
WL
120°
120° slope
HU+
HU-
HV-
HV+
HW-
HW+
UH
UL
VH
VL
WH
WL
Triangular waveform amplitude
HU+
HU-
HV+
HV-
HW-
HW+
SINV
Forward rotation
UHG
ULG
VHG
VLG
WHG
ULG
VHG
VLG
WHG
WLG
SINU
SINW
WLG
Reverse rotation
UHG
Hall signal
Hall signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com