Electronic Components Datasheet Search
  English  ▼

X  

BD6761FS Datasheet(PDF) 4 Page - Rohm

Part # BD6761FS
Description  Three-phase Brushless Motor Pre-drivers for Paper Feed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6761FS Datasheet(HTML) 4 Page - Rohm

  BD6761FS Datasheet HTML 1Page - Rohm BD6761FS Datasheet HTML 2Page - Rohm BD6761FS Datasheet HTML 3Page - Rohm BD6761FS Datasheet HTML 4Page - Rohm BD6761FS Datasheet HTML 5Page - Rohm BD6761FS Datasheet HTML 6Page - Rohm BD6761FS Datasheet HTML 7Page - Rohm BD6761FS Datasheet HTML 8Page - Rohm BD6761FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
BD6761FS,BD6762FV
Technical Note
4/22
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD6762FV (Unless otherwise specified, Ta=25°C, VCC=24 V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Start/Stop
High-level ST/SP input voltage
VSTH
2.2
-
VREG
V
STOP
Low-level ST/SP input voltage
VSTL
0
-
0.8
V
START
High-level ST/SP input current
ISTH
-10
0
10
μA
Low-level ST/SP input current
ISTL
-70
-50
-30
μA
Forward rotation/Reverse rotation
High-level FR input voltage
VFRH
2.2
-
VREG
V
Reverse rotation
Low-level FR input voltage
VFRL
0
-
0.8
V
Forward rotation
High-level FR input current
IFRH
-10
0
10
μA
Low-level FR input current
IFRL
-70
-50
-30
μA
120°/Slope switching
High-level 120/slope input voltage
VANH
2.2
-
VREG
V
120°
Low-level 120/slope input voltage
VANL
0
-
0.8
V
120° slope
High-level 120/slope input current
IANH
-10
0
10
μA
Low-level 120/slope input current
IANL
-70
-50
-30
μA
Short brake
High-level SB input voltage
VSBH
2.2
-
VREG
V
Short brake operation
Low-level SB input voltage
VSBL
0
-
0.8
V
Short brake clear
High-level SB input current
ISBH
-10
0
10
μA
Low-level SB input current
ISBL
-70
-50
-30
μA
Current limit
Current detection voltage
VCL
0.23
0.26
0.29
V
Booster
CP1 oscillating frequency
FCP1
75
125
175
kHz
VG step-up voltage
VG
VCC+5.7
VCC+6.7
VCC+7.7
V
High-side output
High output voltage 1
VHHG1
VCC+5.8
VCC+6.8
VCC+7.8
V
VG=31V
High output voltage 2
VHHG2
VCC+3.8
VCC+4.8
VCC+5.8
V
Io=-1mA
Low output voltage 1
VHLG1
-
0.1
0.3
V
Low output voltage 2
VHLG2
-
0.5
1.0
V
Io=5mA
Clamp voltage
VHCL
10
11
12
V
Low-side output
High output voltage 1
VLHG1
9.8
10.8
11.8
V
High output voltage 2
VLHG2
9.0
10.0
11.0
V
Io=-5mA
Low output voltage 1
VLLG1
-
0.1
0.3
V
Low output voltage 2
VLLG2
-
0.3
0.5
V
Io=5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com