Electronic Components Datasheet Search
  English  ▼

X  

BD6761FS Datasheet(PDF) 8 Page - Rohm

Part # BD6761FS
Description  Three-phase Brushless Motor Pre-drivers for Paper Feed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6761FS Datasheet(HTML) 8 Page - Rohm

Back Button BD6761FS Datasheet HTML 4Page - Rohm BD6761FS Datasheet HTML 5Page - Rohm BD6761FS Datasheet HTML 6Page - Rohm BD6761FS Datasheet HTML 7Page - Rohm BD6761FS Datasheet HTML 8Page - Rohm BD6761FS Datasheet HTML 9Page - Rohm BD6761FS Datasheet HTML 10Page - Rohm BD6761FS Datasheet HTML 11Page - Rohm BD6761FS Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
BD6761FS,BD6762FV
Technical Note
8/22
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●
I/O Logic
1)BD6761FS
Forward rotation (F/R=Low)
Input conditions
Output state
Pin No.
15
17
19
3
5
7
4
6
8
HU+
HV+
HW+
UHG
VHG
WHG
ULG
VLG
WLG
Condition 1
L
M
H
H
H
L
L
L
H
Condition 2
L
H
H
H
PWM
L
L
PWM
H
Condition 3
L
H
M
H
L
L
L
H
H
Condition 4
L
H
L
H
L
PWM
L
H
PWM
Condition 5
M
H
L
H
L
H
L
H
L
Condition 6
H
H
L
PWM
L
H
PWM
H
L
Condition 7
H
M
L
L
L
H
H
H
L
Condition 8
H
L
L
L
PWM
H
H
PWM
L
Condition 9
H
L
M
L
H
H
H
L
L
Condition 10
H
L
H
L
H
PWM
H
L
PWM
Condition 11
M
L
H
L
H
L
H
L
H
Condition 12
L
L
H
PWM
H
L
PWM
L
H
Reverse rotation (F/R=High)
Input conditions
Output state
Pin No.
15
17
19
3
5
7
4
6
8
HU+
HV+
HW+
UHG
VHG
WHG
ULG
VLG
WLG
Condition 1
L
M
H
L
L
H
H
H
L
Condition 2
L
H
H
L
PWM
H
H
PWM
L
Condition 3
L
H
M
L
H
H
H
L
L
Condition 4
L
H
L
L
H
PWM
H
L
PWM
Condition 5
M
H
L
L
H
L
H
L
H
Condition 6
H
H
L
PWM
H
L
PWM
L
H
Condition 7
H
M
L
H
H
L
L
L
H
Condition 8
H
L
L
H
PWM
L
L
PWM
H
Condition 9
H
L
M
H
L
L
L
H
H
Condition 10
H
L
H
H
L
PWM
L
H
PWM
Condition 11
M
L
H
H
L
H
L
H
L
Condition 12
L
L
H
PWM
L
H
PWM
H
L
<
Input conditions>
<
Output criteria>
Hall input voltage
High-side FET gate voltage
H: 3.05V
L≦1V, VG-1V≦H
M: 3.0V
Low-side FET gate voltage
L: 2.95V
L≦1V, 9 V≦H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com