Electronic Components Datasheet Search
  English  ▼

X  

BD6761FS Datasheet(PDF) 3 Page - Rohm

Part # BD6761FS
Description  Three-phase Brushless Motor Pre-drivers for Paper Feed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6761FS Datasheet(HTML) 3 Page - Rohm

  BD6761FS Datasheet HTML 1Page - Rohm BD6761FS Datasheet HTML 2Page - Rohm BD6761FS Datasheet HTML 3Page - Rohm BD6761FS Datasheet HTML 4Page - Rohm BD6761FS Datasheet HTML 5Page - Rohm BD6761FS Datasheet HTML 6Page - Rohm BD6761FS Datasheet HTML 7Page - Rohm BD6761FS Datasheet HTML 8Page - Rohm BD6761FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
BD6761FS,BD6762FV
Technical Note
3/22
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD6762FV (Unless otherwise specified, Ta=25°C, VCC=24V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Overall
Circuit current 1
ICCS
5.1
7.6
10.2
mA
ST/SP=OPEN
Circuit current 2
ICC
10
17
25
mA
ST/SP=GND
VREG voltage
VREG
4.5
5
5.5
V
IVREG=-1mA
Low voltage protection level
VUVON
9.5
11.5
13.5
V
Low voltage protection hysteresis level VUVHYS
0.4
0.5
0.6
V
Hall amp
Input bias current
IBH
-
1
3
μA
In-phase input voltage range
VHAR
0
-
3
V
Input level
VINH
50
-
-
mVp-p
PWM
High CFE voltage
VCFEH
2.6
2.9
3.2
V
Low CFE voltage
VCFEL
1.2
1.4
1.6
V
CFE oscillating frequency
FCFE
13
16
19
kHz
RFE=20K, CFE=1000pF
REF voltage
VRFE
0.75
0.95
1.15
V
FG amp
Input bias current
IFGM
-1
-
1
μA
Input offset voltage
VFGOF
-10
-
10
mV
High output voltage
VFGOH
3.5
4.0
-
V
I=-0.5mA
Low output voltage
VFGOL
-
1.0
1.5
V
I=0.5mA
Low FGS output voltage
VFGSL
-
0.1
0.3
V
I=2mA
Open loop gain
GFG
45
54
-
dB
f=3kHz
Bias voltage
VBFG
2.25
2.50
2.75
V
Hysteresis width
VFGHYS
100
180
250
mV
Integration amp
Di clamp voltage 1
VDI1
1.5
2.1
2.7
V
INTIN=0.1mA
Di clamp voltage 2
VDI2
0.5
0.7
0.9
V
INTOUT=0.1mA
Bias voltage
VBERR
2.25
2.50
2.75
V
INTIN=INTOUT
Speed discriminator
High output voltage
VDOH
VREG-0.3 VREG-0.1
-
V
I=-0.1mA
Low output voltage
VDOL
-
0.1
0.3
V
I=0.1mA
PLL
High output voltage
VPOH
VREG-0.45 VREG-0.15
-
V
I=-0.1mA
Low output voltage
VPOL
-
0.15
0.45
V
I=0.1mA
Lock detection
Low output voltage
VLDL
-
0.15
0.3
V
I=2mA
Lock protection
CLK cycle for protection circuit
TLP
13
20
27
msec LP=0.1μF
VCO
CLK input frequency range
FCLK
0.2
-
2.5
kHz
Designed value (VCO alone)
High-level CLK input voltage
VCKH
2.2
-
VREG
V
Low-level CLK input voltage
VCKL
0
-
0.8
V
High-level CLK input current
ICKH
-10
-
10
μA
Low-level CLK input current
ICKL
-140
-100
-60
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com