Electronic Components Datasheet Search
  English  ▼

X  

BD6761FS Datasheet(PDF) 5 Page - Rohm

Part # BD6761FS
Description  Three-phase Brushless Motor Pre-drivers for Paper Feed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6761FS Datasheet(HTML) 5 Page - Rohm

  BD6761FS Datasheet HTML 1Page - Rohm BD6761FS Datasheet HTML 2Page - Rohm BD6761FS Datasheet HTML 3Page - Rohm BD6761FS Datasheet HTML 4Page - Rohm BD6761FS Datasheet HTML 5Page - Rohm BD6761FS Datasheet HTML 6Page - Rohm BD6761FS Datasheet HTML 7Page - Rohm BD6761FS Datasheet HTML 8Page - Rohm BD6761FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
BD6761FS,BD6762FV
Technical Note
5/22
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●
Reference Data
●
Power Dissipation Reduction
0
200
400
600
800
1000
1200
0
25
50
75
100
125
150
Ambient Temperature: Ta(℃)
950
0
200
400
600
800
1000
1200
0
25
50
75
100
125
150
Ambient Temperature: Ta(℃)
1100
Fig.7 BD6761FS Power Dissipation Reduction
Reduced by 7.6 mW/°C over 25°C, when mounted on a
glass epoxy board (70 mm
 70 mm  1.6 mm).
Fig.8 BD6762FV Power Dissipation Reduction
Reduced by 8.8 mW/°C over 25°C, when mounted on a
glass epoxy board (70 mm
 70 mm  1.6 mm)/℃で軽減。
0
5
10
15
20
25
16
21
26
31
36
Supply voltage :VCC[V]
5.0
5.5
6.0
6.5
7.0
0
2.5
5
7.5
10
VREG current : IVREG[mA]
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
01
2
3
45
VG current : IVG[mA]
0
5
10
15
20
25
16
21
26
31
36
Supply voltage :VCC[V]
4.0
4.5
5.0
5.5
6.0
0
2.5
5
7.5
10
VREG current : IVREG[mA]
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
01
2
3
45
VG current : IVG[mA]
25℃
-35℃
75℃
Fig.1 Circuit current (BD6761FS)
Fig. 2 VREG Voltage (BD6761FS)
25℃
-35℃
75℃
Fig. 3 VG Voltage (BD6761FS)
75℃
25℃
-35℃
25℃
-25℃
75℃
Fig.4 Circuit current (BD6762FV)
Fig.5 VREG Voltage (BD6762FV)
25℃
-25℃
75℃
Fig.6 VG Voltage (BD6762FV)
75℃
25℃
-25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com