Electronic Components Datasheet Search
  English  ▼

X  

BD6761FS Datasheet(PDF) 22 Page - Rohm

Part # BD6761FS
Description  Three-phase Brushless Motor Pre-drivers for Paper Feed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6761FS Datasheet(HTML) 22 Page - Rohm

Back Button BD6761FS Datasheet HTML 15Page - Rohm BD6761FS Datasheet HTML 16Page - Rohm BD6761FS Datasheet HTML 17Page - Rohm BD6761FS Datasheet HTML 18Page - Rohm BD6761FS Datasheet HTML 19Page - Rohm BD6761FS Datasheet HTML 20Page - Rohm BD6761FS Datasheet HTML 21Page - Rohm BD6761FS Datasheet HTML 22Page - Rohm BD6761FS Datasheet HTML 23Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
BD6761FS,BD6762FV
Technical Note
22/22
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●
Ordering part number
B
D
6
7
6
1
F
S
-
E
2
Part No.
Part No.
6761
6762
Package
FS : SSOP-A32
FV : SSOP-B40
Packaging and forming specification
E2: Embossed tape and reel
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SSOP-A32
1
17
16
32
0.36
±0.1
0.8
13.6
±0.2
0.15
±0.1
(MAX 13.95 include BURR)
0.1
(Unit : mm)
SSOP-B40
0.08 M
0.1
S
0.22
± 0.1
0.65
0.15
± 0.1
1
40
20
21
13.6
± 0.2
(MAX 13.95 include BURR)
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
E2
()
Direction of feed
Reel
1pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com