Electronic Components Datasheet Search
  English  ▼

X  

BD6761FS Datasheet(PDF) 6 Page - Rohm

Part # BD6761FS
Description  Three-phase Brushless Motor Pre-drivers for Paper Feed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6761FS Datasheet(HTML) 6 Page - Rohm

Back Button BD6761FS Datasheet HTML 2Page - Rohm BD6761FS Datasheet HTML 3Page - Rohm BD6761FS Datasheet HTML 4Page - Rohm BD6761FS Datasheet HTML 5Page - Rohm BD6761FS Datasheet HTML 6Page - Rohm BD6761FS Datasheet HTML 7Page - Rohm BD6761FS Datasheet HTML 8Page - Rohm BD6761FS Datasheet HTML 9Page - Rohm BD6761FS Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
BD6761FS,BD6762FV
Technical Note
6/22
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●
Block Diagram, Application Circuit Diagram, and Pin Function
1)BD6761FS
Fig.9 BD6761FS Block Diagram
BD6761FS pin Function
No.
Pin
name
Function
No.
Pin
name
Function
1
GND
GND pin
17
RFE
CFE current control pin
2
CP1
CP1 pin
18
CFE
PWM frequency control pin
3
UHG
U-phase high-side FET gate pin
19
CNF
Phase compensation pin
4
ULG
U-phase low-side FET gate pin
20
F/R
Forward/reverse rotation switching pin
5
VHG
V-phase high-side FET gate pin
21
DEC
Deceleration signal input pin
6
VLG
V-phase low-side FET gate pin
22
ACC
Acceleration signal input pin
7
WHG
W-phase high-side FET gate pin
23
RCP
CPOUT current control pin
8
WLG
W-phase low-side FET gate pin
24
CPOUT
Charge pump output /
Torque control signal input pin
9
CL
Motor current detection pin
10
PH
Peak hold pin
25
VREG
VREG pin
11
HU+
Hall signal input pin
26
FGIN+
FG input + pin
12
HU-
Hall signal input pin
27
FGIN-
FG input - pin
13
HV+
Hall signal input pin
28
FGOUT FG output pin
14
HV-
Hall signal input pin
29
FGSOUT FGS output pin
15
HW+
Hall signal input pin
30
VCC
VCC pin
16
HW-
Hall signal input pin
31
VG
Boost pin
32
CP2
CP2 pin
② ③
⑧
⑩
⑨
④
⑪
⑦
⑥
⑫
⑤
RNF
R2
FGIN-
CPOUT
ACC
DEC
F/R
GND
CP1
UHG
ULG
VHG
VLG
WHG
WLG
CL
PH
BOOSTER
CHARGE
PUMP
MOS
FET
MOS
FET
MOS
FET
HU+
HU-
HV+
HV-
HW+
HW-
VG
VCC
FGOUT
RCP
CNF
CFE
RFE
FGSOUT
FGIN+
VREG
TRAIANGLE
WAVE
GENERATOR
CP2
PEAK
HOLD
SHORT
BRAKE
SLEW
RATE
DETECT
HW
HV
HU
TSD
REGURATOR
10.5V
REGURATOR
10.5V
UVLO
EDGE
DETECT
CURRENT
LIMIT
S
R
Q
Q
CURRENT
SENSE AMP
VCL1
TORQUE
AMP
OUTPUTOFF
COMP
VCL2
1pin
32pin
16pin
17pin
M
0.12Ω
1k
200Ω
(200Ω
~ 1kΩ)
50kΩ
(50kΩ ~ 100kΩ)
R3
100kΩ
R1 200Ω(200Ω ~ 1kΩ)
1kΩ
R1
820Ω
10kΩ
(1kΩ ~ 100kΩ)
R2
82kΩ
0.1µF
0.1µF
0.1µF
470pF
0.033µF
(0.01µF ~ 0.1µF)
0.01µF
0.01µF
0.01µF
1000pF (500pF ~ 2000pF)
0.1µF
0.33µF
0.1µF
(0.01µF~0.1µF)
0.022µ
0.22µF
C1
0.47µF
C2
1500pF
10µF
0.1µF
0.01µF
(0.01µF ~ 0.1µF)
470pF
470pF
Capacitor, diode for the
protection between the
output FET drain and
source
See P. 18/22.
Resistor for setting
the current limit
See P. 18/22.
CL voltage smoothing
low pass filter
See P. 18/22.
Capacitor for Hall
noise elimination
See P. 18/22.
100kΩ
Capacitor for setting
VG current capacity
See P. 18/22.
Resistor for setting FG
amplifier gain and the
capacitor for the filter
See P. 18/22.
For setting Hall
input level
See P. 18/22.
Capacitor for preventing
VREG oscillation
See P. 18/22.
Capacitor for setting the
phase compensation
See P. 19/22.
External
constant
for
setting PWM frequency
See P. 18/22.
①
MOS FET
Capacitor for setting
the peak hold
See P. 19/22.
Capacitor, resistor for
setting the charge pump
See P. 19/22.
FGSOUT pull-up
resistor
See P. 20/22.
⑮
Output FET gate
voltage stabilization
resistor
See P.19/22.
⑯
⑭
C4
C3
Capacitor for VCC pin
noise elimination
See P. 19/22.
⑬



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com