Electronic Components Datasheet Search
  English  ▼

X  

BD6761FS Datasheet(PDF) 17 Page - Rohm

Part # BD6761FS
Description  Three-phase Brushless Motor Pre-drivers for Paper Feed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6761FS Datasheet(HTML) 17 Page - Rohm

Back Button BD6761FS Datasheet HTML 13Page - Rohm BD6761FS Datasheet HTML 14Page - Rohm BD6761FS Datasheet HTML 15Page - Rohm BD6761FS Datasheet HTML 16Page - Rohm BD6761FS Datasheet HTML 17Page - Rohm BD6761FS Datasheet HTML 18Page - Rohm BD6761FS Datasheet HTML 19Page - Rohm BD6761FS Datasheet HTML 20Page - Rohm BD6761FS Datasheet HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
BD6761FS,BD6762FV
Technical Note
17/22
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
13) Servo circuit (BD6762FV)
・
Frequency multiplication circuit (Dividing period) (BD6762FV)
This IC builds in the frequency multiplication circuit.
Servo circuit is composed of the feedback loop as shown in the diagram and flows in/out the current (22μA: Typ.) to
the LPF pin (30 pin) by detecting the phase difference between the CLKIN pin (29 pin) and the frequency dividing unit
output FCOMP. The phase difference signal output to the LPF pin (30 pin) is smoothed by the filter which is connected
at the IC external of the LPF pin (30 pin) and this voltage is input to the VCO (Voltage control oscillation circuit) to
decide the frequency for the internal signal FVCO. Since the dividing ratio of this frequency dividing unit is set to 1024,
the relation of
FVCO[Hz]=1024・FCOMP[Hz]
can be obtained, and the FCOMP and CLKIN have the same frequency according to the feedback loop as shown in
the following diagram, therefore the multiplied frequency of 1024 times of FCOMP or CLKIN is acquired as the FVCO
frequency.
・
Speed discriminator (BD6762FV)
The FGSOUT signal (28 pin) which detects the motor rotation speed and the reference clock in IC are compared and
the acceleration/deceleration signal is output to the DOUT pin (32 pin). Reference clock is the signal (FVCO) that the
CLKIN signal (29 pin) is multiplied by 1024. When the FG period is short to the reference clock period, it is determined
that the motor revolution speed is too fast and the difference from the reference clock period is output to the DOUT pin
as the deceleration command. When the FG period is long, the difference is output as an accelerating command.
・
PLL (BD6762FV)
Phases of the FGSOUT (28 pin) signal which detected the motor revolution speed and the CLKIN (29 pin) input from
the external are compared, and if the FG phase leads to CLKIN (28 pin), the difference is output as the deceleration
command. If the FG phase lags, the difference is output as the acceleration command.
・
Integration amplifier (BD6762FV)
Speed error of the reference clock which is obtained in the speed discriminator block and the FG signal, and the
phase difference signal of the CLKIN acquired in PLL block and the FG are integrated together and smoothed to
become the DC voltage. This smoothed signal determines the PWM on-duty.
14) Speed lock detection circuit (BD6762FV)
When the motor speed is within
6.25% range to the CLKIN signal (29 pin), L is output to the LD pin (36 pin) output.
Since the LD pin (36 pin) has the open/drain output format, use as it is pulled up to the power supply with the resistor
(100kΩ). At this time, pay attention so that the voltage more than 36 V is not applied to the LD pin.
15) Motor locking protection (BD6762FV)
Motor locking protection circuit judges he motor is in the locking condition when the motor speed is not in the lock range
(preset value:
6.25%) and the motor locking detection time TLP elapsed, the high-side and low-side output gates are
both turned off.Motor locking protection can be cleared by making the condition Low after setting the ST/SP pin or the
SB pin to OPEN or making high. Motor locking detection time TLP is determined by the capacitor C7 which is connected
to the LP pin and the count number CLP (preset value: 96) of the internal counter.
TLP=2×10
5×C7×CLP [S]
Phase comparator
VCO
(Voltage
control
oscillation circuit)
Frequency dividing
unit (1024 dividing)
CLKIN
FCOMP
FVCO
LPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com