Electronic Components Datasheet Search
  English  ▼

X  

S8VM Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # S8VM
Description  Switch Mode Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VM Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button S8VM Datasheet HTML 10Page - Omron Electronics LLC S8VM Datasheet HTML 11Page - Omron Electronics LLC S8VM Datasheet HTML 12Page - Omron Electronics LLC S8VM Datasheet HTML 13Page - Omron Electronics LLC S8VM Datasheet HTML 14Page - Omron Electronics LLC S8VM Datasheet HTML 15Page - Omron Electronics LLC S8VM Datasheet HTML 16Page - Omron Electronics LLC S8VM Datasheet HTML 17Page - Omron Electronics LLC S8VM Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
S8VM
14
Construction and Nomenclature (300-W, 600-W, 1,500-W Models)
■ Nomenclature
300-W Models
S8VM-300
@@C
600-W Models
S8VM-600
@@C
1,500-W Model
S8VM-15224C
■ Output Color Label
This color label identifies the output voltage by color.
Note: A 300-W model is shown above. The label is in a different place
on 600-W models and 1,500-W model.
Note: 1. The fuse is located on the (L) side. It is NOT user-replace-
able.
2. Protective earthing connection is the panel mounting hole of
the metal case. (A protective earthing connection stipulated
in safety standards is used. Connect the ground complete-
ly).
Ground terminal: M4 (Depth: 6 mm max.)/Ground wire:
AWG 18
3. The standard supplied connector for signal I/O is mounted
to CN when S8VM is shipped. The supplied signal I/O con-
nector shorts between 1 and 2, between 3 and 4, and be-
tween 7 and 8. The stability and accuracy of the output
will deteriorate if the connector is removed. Always
connect the +S and -S pins.
Do not connect a load to the output voltage monitor termi-
nals (+V,
−V).
Color label identifying output voltage
Green: 5 V
Blue:
12 V
Yellow: 15 V
White: 24 V
No.
Name
Function
1
AC input terminals (L), (N)
Connect the input lines to these terminals.
(See note 1.)
2
PE terminal: Protective earth-
ing terminal (
)
(S8VM-300
@@C/S8VM-
600
@@C)
FG terminal: Frame ground ter-
minal (S8VM-15224C)
Connect the ground line to this terminal.
(See note 2.)
3
DC output terminals (
−V), (+V) Connect the load lines to these terminals.
4
Output indicator (DC ON:
Green)
Lights (green) while a direct current (DC)
output is ON.
5
Output voltage adjuster
(V.ADJ)
Use to adjust the voltage.
6
Power failure alarm indicator
(PF: Red)
Lights when the output voltage decreases,
the fan stops, and the system is on stand-
by using the remote control function.
7
Signal I/O connector (See note
3.)
1:
DC output monitor pin (+V)
2:
Remote sensing pin (+S)
3:
DC output monitor pin (
−V)
4:
Remote sensing pin (
−S)
5:
Current balance pin (CB)
6:
Signal ground pin for current balance
(CBG)
7:
Remote control pin (+RC)
8:
Remote control pin (
−RC)
9:
No connect
10: No connect
11: Power failure alarm output pin (PF-C)
(collector)
12: Power failure alarm output pin (PF-E)
(emitter)
1
3
5
7
9
11
2
4
6
8
10
12
CN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com