Electronic Components Datasheet Search
  English  ▼

X  

S8VM Datasheet(PDF) 34 Page - Omron Electronics LLC

Part # S8VM
Description  Switch Mode Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VM Datasheet(HTML) 34 Page - Omron Electronics LLC

Back Button S8VM Datasheet HTML 29Page - Omron Electronics LLC S8VM Datasheet HTML 30Page - Omron Electronics LLC S8VM Datasheet HTML 31Page - Omron Electronics LLC S8VM Datasheet HTML 32Page - Omron Electronics LLC S8VM Datasheet HTML 33Page - Omron Electronics LLC S8VM Datasheet HTML 34Page - Omron Electronics LLC S8VM Datasheet HTML 35Page - Omron Electronics LLC S8VM Datasheet HTML 36Page - Omron Electronics LLC S8VM Datasheet HTML 37Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
S8VM
34
Insulation Test
When performing the test, be sure to short-circuit all the output
terminals to protect them from damage.
Inrush Current
When two or more Power Supplies are connected to the same input,
inrush current is added to the total current. Select fuses and circuit
breakers giving sufficient consideration to the fusing or operating
characteristics so that fuses will not burn and breakers will not break
due to inrush current.
Output Voltage Adjuster (V.ADJ)
Default Setting: Set at the rated voltage
Adjustable Range: Adjustable with output voltage adjuster (V.ADJ) on
the front panel of the Power Supply from
−20% to 20% of the rated
output voltage (
−10% to 20% of the rated voltage for S8VM-
@@@24A@/P@). Turning clockwise increases the output voltage and
turning counterclockwise decreases the output voltage.
The output voltage adjuster (V.ADJ) may possibly be damaged if it is
turned with unnecessary force. Do not turn the adjuster with
excessive force.
After completing output voltage adjustment, be sure that the output
capacity or output current does not exceed the rated output capacity
or rated output current.
The output voltage may increase beyond the allowable voltage range
(up to +20% of the rated voltage) depending on the operation of the
output voltage adjuster (V.ADJ). When adjusting the output voltage,
check the output voltage of the Power Supply and be sure that the
load is not damaged.
When increasing the output voltage to more than +20% of the rated
value using the output voltage adjuster (V. ADJ), the overvoltage
protection function may operate.
(S8VM-
@@@24A@/P@ Only)
Turn the output voltage adjuster (V.ADJ) slowly. When decreasing the
output voltage quickly, or when adjusting the output voltage to less
than
−10% of the rated value, the undervoltage alarm function may
operate.
Ripple
(S8VM-15224C Only)
The rated ripple noise voltage was measured using a measuring cir-
cuit that conforms to the JEITA standard RC-9131A.
Dielectric Strength
When testing the dielectric strength, some testing devices will apply
a much higher voltage than expected. Always check the applied
waveform before testing the dielectric strength.
Remote Sensing Function
100/150-W Models
If the
+S and −S terminals are opened by removing the short bar, the
overvoltage protection function will be activated and the output volt-
age will be cut off.
300/600/1,500-W Models
The stability and accuracy of the output will deteriorate if the
+S and
− S pins are open. Always connect the +S and −S pins.
Series Operation
Two Power Supplies can be connected in series.
The (
±) voltage output can be accomplished with two Power Sup-
plies.
Series Operation
Note: 1. If the load is short-circuited, a reverse voltage may be ap-
plied inside the Power Supply unit, and this may possibly
cause the deterioration or damage of the Power Supply unit.
Connect the diode as shown in the figures. Use the following
guidelines to select the diode to be connected.
2. Though Power Supplies having different specifications can
be connected in series, the current flowing through the load
must not exceed the smaller rated output current.
Parallel Operation
15/30/50/100/150-W Models
The Power Supply is not designed for parallel operation.
S8VM
Coaxial cable
1.5 m 50
Ω
Oscilloscope
Frequency band
100 MHz
R: 50
Ω
C1: 4700 pF
C2: 22 uF
C3: 0.47 uF
C1
C2
CN
Load
+V +S −V −S
+V
C3
R
+
−V
15W/30W
Correct
50W/100W/150W/300W/600W/
1,500W
Correct
Output Voltage (
±)
Correct
Type
Schottky Barrier diode
Dielectric strength
(VRRM)
Twice the rated output voltage or
above
Forward current (IF) Twice the rated output current or
above
+V
−V
AC (L)
AC (N)
AC (L)
AC (N)
+V
−V
+V
−V
AC (L)
AC (N)
AC (L)
AC (N)
+V
−V
AC (L)
AC (N)
AC (L)
AC (N)
+V
−V
+V
−V
AC (L)
AC (N)
AC (L)
AC (N)
+V
−V
+V
−V
Incorrect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com