Electronic Components Datasheet Search
  English  ▼

X  

S8VM Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # S8VM
Description  Switch Mode Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VM Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button S8VM Datasheet HTML 14Page - Omron Electronics LLC S8VM Datasheet HTML 15Page - Omron Electronics LLC S8VM Datasheet HTML 16Page - Omron Electronics LLC S8VM Datasheet HTML 17Page - Omron Electronics LLC S8VM Datasheet HTML 18Page - Omron Electronics LLC S8VM Datasheet HTML 19Page - Omron Electronics LLC S8VM Datasheet HTML 20Page - Omron Electronics LLC S8VM Datasheet HTML 21Page - Omron Electronics LLC S8VM Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
S8VM
18
■ Overvoltage Protection
Consider the possibility of an overvoltage and design the system so
that the load will not be subjected to an excessive voltage even if the
feedback circuit in the Power Supply fails. When an excessive volt-
age that is approximately 140% of the rated voltage or more is out-
put, the output voltage is shut OFF, preventing damage to the load
due to overvoltage. Reset the input power by turning it OFF for at
least three minutes and then turning it back ON again. Alternatively,
turn OFF and ON the remote control signal.
The values shown in the above diagram are for reference only.
Note: 1. Do not turn ON the input power again until the cause of the
overvoltage has been removed.
2. The overvoltage protection function may be activated when
the output voltage adjuster (V.ADJ) is set to a value that ex-
ceeds +20% of the rated output voltage.
■ Overheat Protection
The overheat protection circuit will operate and outputs will be shut
OFF to protect the Power Supply if the ambient temperature rises,
the fan stops, or other errors cause the Power Supply's internal tem-
perature to rise. To reset the Power Supply, leave the input power
OFF long enough for the Power Supply to cool sufficiently and then
turn it ON again. Alternatively turn OFF the remote control signal
long enough to cool sufficiently and then turn it ON again.
■ Peak Output Current
(S8VM-30024C/60024C/15224C Only)
The peak current must satisfy the following conditions. Reduce the
peak current according to the load rate of the derating curve.
Approx. 40%
+20%
−20%
0 V
Variable range
Rated output
voltage
Overvoltage protection
operating
Ip
Ip:
Irms:
lav:
la:
D:
τ:
T:
Peak current (A)
Effective output current (A)
Rated current (A)
Continuous load current (A)
Duty
Peak current pulse width (s)
Cycle (s)
Ia
Irms
0 A
T
τ
D
=
T
τ
Irms
=
lp
2
× D + la2× (1−D) ≤ lav
Input voltage range: 180 to 240 VAC
Peak current pulse width: 10 s max.
Duty: 35% max.
Peak current value: Within the rated peak current
Effective output current: Within the rated current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com