Electronic Components Datasheet Search
  English  ▼

X  

S8VM Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # S8VM
Description  Switch Mode Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VM Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button S8VM Datasheet HTML 13Page - Omron Electronics LLC S8VM Datasheet HTML 14Page - Omron Electronics LLC S8VM Datasheet HTML 15Page - Omron Electronics LLC S8VM Datasheet HTML 16Page - Omron Electronics LLC S8VM Datasheet HTML 17Page - Omron Electronics LLC S8VM Datasheet HTML 18Page - Omron Electronics LLC S8VM Datasheet HTML 19Page - Omron Electronics LLC S8VM Datasheet HTML 20Page - Omron Electronics LLC S8VM Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
S8VM
17
S8VM-600
@@C
100 VAC, Load ratio: 100%
200 VAC, Load ratio: 100%
S8VM-15224C
100 VAC, Load ratio: 100%
200 VAC, Load ratio: 100%
■ Reference Values
■ Overload Protection
The Power Supply is provided with an overload protection function
that protects the Power Supply from possible damage by overcurrent.
When the output rises above 105% of the rated current, the protec-
tion function is triggered, automatically decreasing the output volt-
age.
S8VM-300
@@C/600@@C
When the output current returns within the rated range, overload pro-
tection is automatically cleared.
S8VM-15224C
Outputs are interrupted if an overload continues for 5 seconds or
more. To reset the Power Supply, leave the input power OFF for more
than 3 minutes and then turn it ON again. Alternatively, turn OFF and
ON the remote control signal.
The values shown in the above diagrams are for reference only.
Note: 1. If the Power Supply has been short-circuited or supplied
with an overcurrent for longer than 30 seconds, the internal
parts of the Power Supply may occasionally be deteriorated
or damaged.
2. The internal parts may possibly be deteriorated or dam-
aged. Do not use the Power Supply for applications where
the load causes frequent inrush current and overload.
100 ms
AC input
current
(10 A/DIV)
AC input
voltage
Output
voltage
100 ms
AC input
current
(10 A/DIV)
AC input
voltage
Output
voltage
100 ms
AC input
current
(25 A/DIV)
AC input
voltage
Output
voltage
100 ms
AC input
current
(10 A/DIV)
AC input
voltage
Output
voltage
Item
Value
Definition
Reliability
(MTBF)
300 W:
135,000 hrs
600 W:
120,000 hrs
1,500 W:
100,000 hrs
MTBF stands for Mean Time Between Failures, which
is calculated according to the probability of accidental
device failures, and indicates the reliability of a device.
Therefore, it does not necessarily represent the life of
the Power Supply.
Life
expectancy
10 yrs. min.
The life expectancy indicates average operating hours
under the ambient temperature of 40
°C and a load rate
of 50%.
Normally this is determined by the life expectancy of
the built-in aluminum electrolytic capacitor.
0
100
50
Output current (%)
Intermittent operation
300W/600W (5 V)
300W600W/1,500W (12 V, 15 V, 24 V)
0
100
50
Output current (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com