Electronic Components Datasheet Search
  English  ▼

X  

S8VM Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # S8VM
Description  Switch Mode Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VM Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button S8VM Datasheet HTML 27Page - Omron Electronics LLC S8VM Datasheet HTML 28Page - Omron Electronics LLC S8VM Datasheet HTML 29Page - Omron Electronics LLC S8VM Datasheet HTML 30Page - Omron Electronics LLC S8VM Datasheet HTML 31Page - Omron Electronics LLC S8VM Datasheet HTML 32Page - Omron Electronics LLC S8VM Datasheet HTML 33Page - Omron Electronics LLC S8VM Datasheet HTML 34Page - Omron Electronics LLC S8VM Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
S8VM
31
■ Other Items Sold Separately
Undervoltage Alarm Output Wiring Cable
■ Signal I/O Connector Terminals and Housing
S82Y-VM30C (for the S8VM-300
@@C/600@@C/15224C)
The S82Y-VM30C is used to make a signal I/O connector. Refer to Signal I/O Connector Harness Manufacture Method on page 33 for details.
■ DIN Rail
Note: All units are in millimeters unless otherwise indicated.
Mounting Rail (Material: Aluminum)
Mounting Rail (Material: Aluminum)
Mounting Rail (Order Separately)
Note: If there is a possibility that the Unit will be subjected to vibration or impact, metallic filings may be generated by abrasion. In this situation, use a
metal DIN Rail. Also, if the Unit may be subjected to sliding to either side, attach an End Plate (Model PFP-M) on each side of the Unit.
Name
Model
Undervoltage Alarm Output Wiring Cable
S82Y-VM10H
Signal I/O Connector Terminals and Housing
Set contains ten SPHD-001T-P0.5 Terminals and one PHDR-12VS Housing.
S82Y-VM30C
Replacement Fan Unit for 300-W Models
S82Y-VM30FAN
Replacement Fan Unit for 600-W Models
S82Y-VM60FAN
Replacement Fan Unit for a 1,500-W Model
S82Y-VM15FAN
3,000
±50
: AWG24
XHP-3 (Manufactured by JST)
to
:
S82Y-VM10H (for S8VM-05024A
@/05024P@/10024A@/10024P@/15024A@/15024P@ Only)
Using the Undervoltage Alarm
Output Wiring Cable
Note: The signal I/O connector can
be connected in only one
orientation. It cannot be
connected if it is upside down.
1,000 (500) *
15(5) *
*Values in parentheses
are for the PFP-50N.
PFP-100N
PFP-50N
4.5
15
25
25
10
10
25
25
35
±0.3
7.3
±0.15
27
±0.15
1
PFP-100N2
4.5
15
25
25
10
10
1,000
25
25
15
1
1.5
29.2
24
27
35
±0.3
16
1.3
4.8
35.5 35.5
1.8
1.8
M4 spring
washer
10
6.2
1
50
M4
× 8
pan-head
screw
11.5
10
End Plate
PFP-M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com