Electronic Components Datasheet Search
  English  ▼

X  

S8VM Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # S8VM
Description  Switch Mode Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VM Datasheet(HTML) 2 Page - Omron Electronics LLC

  S8VM Datasheet HTML 1Page - Omron Electronics LLC S8VM Datasheet HTML 2Page - Omron Electronics LLC S8VM Datasheet HTML 3Page - Omron Electronics LLC S8VM Datasheet HTML 4Page - Omron Electronics LLC S8VM Datasheet HTML 5Page - Omron Electronics LLC S8VM Datasheet HTML 6Page - Omron Electronics LLC S8VM Datasheet HTML 7Page - Omron Electronics LLC S8VM Datasheet HTML 8Page - Omron Electronics LLC S8VM Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
S8VM
2
Ordering Information
■ List of Models
Note: For details on normal stock models, contact your nearest OMRON representative.
Note: 1. No outputs are built into these models.
2. The output capacity of the S8VM-15005
@@ is 135 W.
3. M8 bolts and nuts for the output terminals are not included with the S8VM-15224C.
4. The 300-, 600-, and 1,500-W models use a forced cooling method with built-in fans.
5. To perform front mounting using the bottom mounting models, use the Mounting Brackets (S82Y-VM
@@F, sold separately).
6. The output current for UL1604 certification is 6.3 A.
Configura-
tion
Power
ratings
Input voltage
Output voltage
Output current
Bottom mounting
DIN Rail mounting bracket
Standard
model
Undervoltage alarm model
Standard
model
Undervoltage alarm model
Sinking
Sourcing
Sinking
Sourcing
Open-frame
type
15 W
100 to 240 VAC
5 V
3 A
S8VM-01505
---
---
S8VM-01505D
---
---
12 V
1.3 A
S8VM-01512
---
---
S8VM-01512D
---
---
15 V
1 A
S8VM-01515
---
---
S8VM-01515D
---
---
24 V
0.65 A
S8VM-01524
---
---
S8VM-01524D
---
---
30 W
5 V
6 A
S8VM-03005
---
---
S8VM-03005D
---
---
12 V
2.5 A
S8VM-03012
---
---
S8VM-03012D
---
---
15 V
2 A
S8VM-03015
---
---
S8VM-03015D
---
---
24 V
1.3 A
S8VM-03024
---
---
S8VM-03024D
---
---
50 W
5 V
10 A
S8VM-05005
---
---
S8VM-05005D
---
---
12 V
4.3 A
S8VM-05012
---
---
S8VM-05012D
---
---
15 V
3.5 A
S8VM-05015
---
---
S8VM-05015D
---
---
24 V
2.2 A
S8VM-05024
---
---
S8VM-05024D
---
---
100 W
5 V
20 A
S8VM-10005
---
---
S8VM-10005D
---
---
12 V
8.5 A
S8VM-10012
---
---
S8VM-10012D
---
---
15 V
7 A
S8VM-10015
---
---
S8VM-10015D
---
---
24 V
4.5 A
S8VM-10024
---
---
S8VM-10024D
---
---
150 W
5 V
27 A
S8VM-15005
(See note 2.)
---
---
S8VM-15005D
(See note 2.)
---
---
12 V
12.5 A
S8VM-15012
---
---
S8VM-15012D
---
---
15 V
10 A
S8VM-15015
---
---
S8VM-15015D
---
---
24 V
6.5 A (See note 6.) S8VM-15024
---
---
S8VM-15024D
---
---
Covered
type
15 W
100 to 240 VAC
5 V
3 A
S8VM-01505C
---
---
S8VM-01505CD ---
---
12 V
1.3 A
S8VM-01512C
---
---
S8VM-01512CD ---
---
15 V
1 A
S8VM-01515C
---
---
S8VM-01515CD ---
---
24 V
0.65 A
S8VM-01524C
S8VM-01524A (See note 1.)
S8VM-01524CD S8VM-01524AD (See note 1.)
30 W
5 V
6 A
S8VM-03005C
---
---
S8VM-03005CD ---
---
12 V
2.5 A
S8VM-03012C
---
---
S8VM-03012CD ---
---
15 V
2 A
S8VM-03015C
---
---
S8VM-03015CD ---
---
24 V
1.3 A
S8VM-03024C
S8VM-03024A (See note 1.)
S8VM-03024CD S8VM-03024AD (See note 1.)
50 W
5 V
10 A
S8VM-05005C
---
---
S8VM-05005CD ---
---
12 V
4.3 A
S8VM-05012C
---
---
S8VM-05012CD ---
---
15 V
3.5 A
S8VM-05015C
---
---
S8VM-05015CD ---
---
24 V
2.2 A
S8VM-05024C
S8VM-05024A
S8VM-05024P
S8VM-05024CD S8VM-05024AD
S8VM-05024PD
100 W
5 V
20 A
S8VM-10005C
---
---
S8VM-10005CD ---
---
12 V
8.5 A
S8VM-10012C
---
---
S8VM-10012CD ---
---
15 V
7 A
S8VM-10015C
---
---
S8VM-10015CD ---
---
24 V
4.5 A
S8VM-10024C
S8VM-10024A
S8VM-10024P
S8VM-10024CD S8VM-10024AD
S8VM-10024PD
150 W
5 V
27 A
S8VM-15005C
(See note 2.)
---
---
S8VM-15005CD
(See note 2.)
---
---
12 V
12.5 A
S8VM-15012C
---
---
S8VM-15012CD ---
---
15 V
10 A
S8VM-15015C
---
---
S8VM-15015CD ---
---
24 V
6.5 A (See note 6.) S8VM-15024C
S8VM-15024A
S8VM-15024P
S8VM-15024CD S8VM-15024AD
S8VM-15024PD
300 W
(See note
4.)
5 V
60 A
S8VM-30005C
---
---
---
---
---
12 V
27 A
S8VM-30012C
---
---
---
---
---
15 V
22 A
S8VM-30015C
---
---
---
---
---
24 V
14 A
Peak current:
16.5 A (200 VAC)
S8VM-30024C
---
---
---
---
---
600 W
(See note
4.)
5 V
120 A
S8VM-60005C
---
---
---
---
---
12 V
53 A
S8VM-60012C
---
---
---
---
---
15 V
43 A
S8VM-60015C
---
---
---
---
---
24 V
27 A
Peak current:
31 A (200 VAC)
S8VM-60024C
---
---
---
---
---
1,500 W
(See note
4.)
24 V
65 A (100 VAC)
70 A (200 VAC)
Peak current:
105 A (200 VAC)
S8VM-15224C
(See note 3.)
---
---
---
---
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com