Electronic Components Datasheet Search
  English  ▼

X  

S8VM Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # S8VM
Description  Switch Mode Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VM Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button S8VM Datasheet HTML 22Page - Omron Electronics LLC S8VM Datasheet HTML 23Page - Omron Electronics LLC S8VM Datasheet HTML 24Page - Omron Electronics LLC S8VM Datasheet HTML 25Page - Omron Electronics LLC S8VM Datasheet HTML 26Page - Omron Electronics LLC S8VM Datasheet HTML 27Page - Omron Electronics LLC S8VM Datasheet HTML 28Page - Omron Electronics LLC S8VM Datasheet HTML 29Page - Omron Electronics LLC S8VM Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
S8VM
26
■ Mounting Brackets
Mounting Bracket A (Bottom Mounting for 15-, 30-, and 50-W Models)
Mounting Bracket B (Bottom Mounting for 100-, and 150-W Models)
Name
Model
Mounting Bracket A (bottom mounting for 15-, 30-, and 50-W models)
S82Y-VM10B
Mounting Bracket B (bottom mounting for 100- and 150-W models)
S82Y-VM20B
Mounting Bracket C (front mounting for 15-, 30-, 50-, 100-, and 150-W models)
S82Y-VM10F
Mounting Bracket D (bottom mounting for 300-W models)
S82Y-VM30B
Mounting Bracket E (horizontal bottom mounting for 300-W models)
S82Y-VM30S
Mounting Bracket F (front mounting for 300-W models)
S82Y-VM30F
Mounting Bracket G (DIN Rail mounting for 300-W models)
S82Y-VM30D
Mounting Bracket H (bottom mounting for 600-W models)
S82Y-VM60B
Mounting Bracket I (horizontal bottom mounting for 600-W models)
S82Y-VM60S
Mounting Bracket J (front mounting for 600-W models)
S82Y-VM60F
Mounting Bracket K (DIN Rail mounting for 600-W models)
S82Y-VM60D
150
35
20
±0.5
7.5
4
R2
R2
4 dia.
140
±0.5
5
t = 2.3
5
Three, M3.5
c
a
c
b
a, c
b
a = Mounting holes for 15-W models
b = Mounting holes for 30-W models
c = Mounting holes for 50-W models
A
B
B
B
A
A
S82Y-VM10B
Using the Mounting Bracket
Screws Used
A: Accessories
(Use the supplied screws in two
places for 15-W and 30-W models
and in three places for 50-W mod-
els.)
B: M3 or M3.5
(three places)
Mounting screw tightening torque
(recommended): 0.49 N·m
a
b
a
b
a
b
40
20
±0.5
4
R2
4 dia.
5
192
15
±0.2
182±0.5
Three, M3.5
t = 2.3
a = Mounting holes for 150-W models
b = Mounting holes for 100-W models
A
B
B
B
A
A
S82Y-VM20B
Using the Mounting Bracket
Screws Used
A: Accessories
(Use the supplied screws in three
places.)
B: M3 or M3.5
(three places)
Mounting screw tightening torque (rec-
ommended): 0.49 N·m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com