Electronic Components Datasheet Search
  English  ▼

X  

S8VM Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # S8VM
Description  Switch Mode Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VM Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button S8VM Datasheet HTML 25Page - Omron Electronics LLC S8VM Datasheet HTML 26Page - Omron Electronics LLC S8VM Datasheet HTML 27Page - Omron Electronics LLC S8VM Datasheet HTML 28Page - Omron Electronics LLC S8VM Datasheet HTML 29Page - Omron Electronics LLC S8VM Datasheet HTML 30Page - Omron Electronics LLC S8VM Datasheet HTML 31Page - Omron Electronics LLC S8VM Datasheet HTML 32Page - Omron Electronics LLC S8VM Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
S8VM
29
Mounting Bracket G (DIN Rail Mounting for 300-W Models)
Mounting Bracket H (Bottom Mounting for 600-W Models)
Mounting Bracket I (Horizontal Bottom Mounting for 600-W Models)
6.6
(Sliding: 12 max.)
60
102.3
67
9.5
5.5
46
243 max.
215.3
A
A
A
A
S82Y-VM30D
Using the Mounting Bracket
Screws Used
A: Accessories
(Use the supplied screws in
four places.)
Mounting screw tightening torque
(recommended): 1.27 N·m
Note: Use a metal DIN Rail when mounting a 300-W model to a DIN Rail.
B
A
A
A
A
B
B
6
202
8
215
100
72
Three, 4.5 dia.
S82Y-VM60B
Using the Mounting Bracket
Screws Used
A: Accessories
(Use the supplied screws
in four places.)
B: M4
(three places)
Mounting screw tightening
torque (recommended):
1.27 N·m
6
202
8
215
84
52
16
Three, 4.5 dia.
B
A
A
A
A
B
B
S82Y-VM60S
Using the Mounting Bracket
Screws Used
A: Accessories
(Use the supplied
screws in four places.)
B: M4
(three places)
Mounting screw tightening
torque (recommended):
1.27 N·m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com