Electronic Components Datasheet Search
  English  ▼

X  

AM1705 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705
Description  AM1705 ARM Microprocessor
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1705 Datasheet(HTML) 1 Page - Texas Instruments

  AM1705 Datasheet HTML 1Page - Texas Instruments AM1705 Datasheet HTML 2Page - Texas Instruments AM1705 Datasheet HTML 3Page - Texas Instruments AM1705 Datasheet HTML 4Page - Texas Instruments AM1705 Datasheet HTML 5Page - Texas Instruments AM1705 Datasheet HTML 6Page - Texas Instruments AM1705 Datasheet HTML 7Page - Texas Instruments AM1705 Datasheet HTML 8Page - Texas Instruments AM1705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
AM1705
www.ti.com
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
AM1705 ARM Microprocessor
Check for Samples: AM1705
1
AM1705 ARM Microprocessor
1.1
Features
123
– 32 Independent DMA Channels
• Highlights
– 8 Quick DMA Channels
– 375/456-MHz ARM926EJ-S™ RISC Core
– Programmable Transfer Burst Size
– ARM9 Memory Architecture
• 128K-Byte RAM Memory
– Programmable Real-Time Unit Subsystem
• 3.3V LVCMOS IOs (except for USB interface)
– Enhanced Direct-Memory-Access Controller
3 (EDMA3)
• Two External Memory Interfaces:
– Two External Memory Interfaces
– EMIFA
– Three Configurable 16550 type UART
•
NOR (8-/16-Bit-Wide Data)
Modules
•
NAND (8-/16-Bit-Wide Data)
– Two Serial Peripheral Interfaces (SPI)
– EMIFB
– Multimedia Card (MMC)/Secure Digital (SD)
•
16-Bit SDRAM With 256MB Address
Card Interface with Secure Data I/O (SDIO)
Space
– Two Master/Slave Inter-Integrated Circuit
• Three Configurable 16550 type UART Modules:
– USB 2.0 OTG Port With Integrated PHY
– UART0 With Modem Control Signals
– Two Multichannel Audio Serial Ports
– 16-byte FIFO
– 10/100 Mb/s Ethernet MAC (EMAC)
– 16x or 13x Oversampling Option
– One 64-Bit General-Purpose Timer
• Two Serial Peripheral Interfaces (SPI) Each
– One 64-bit General-Purpose/Watchdog Timer
With One Chip-Select
– Three Enhanced Pulse Width Modulators
• Programmable Real-Time Unit Subsystem
(PRUSS)
– Three 32-Bit Enhanced Capture Modules
– Two Independent Programmable Realtime
• Applications
Unit (PRU) Cores
– Industrial Automation
•
32-Bit Load/Store RISC architecture
– Home Automation
•
4K Byte instruction RAM per core
– Test and Measurement
•
512 Bytes data RAM per core
– Portable Data Terminals
•
PRU Subsystem (PRUSS) can be disabled
– Educational Consoles
via software to save power
– Power Protection Systems
– Standard power management mechanism
• 375/456-MHz ARM926EJ-S™ RISC Core
•
Clock gating
– 32-Bit and 16-Bit (Thumb®) Instructions
•
Entire subsystem under a single PSC
– Single Cycle MAC
clock gating domain
– ARM® Jazelle® Technology
– Dedicated interrupt controller
– EmbeddedICE-RT™ for Real-Time Debug
– Dedicated switched central resource
• ARM9 Memory Architecture
• Multimedia Card (MMC)/Secure Digital (SD)
– 16K-Byte Instruction Cache
Card Interface with Secure Data I/O (SDIO)
– 16K-Byte Data Cache
• Two Master/Slave Inter-Integrated Circuit (I2C
– 8K-Byte RAM (Vector Table)
Bus™)
– 64K-Byte ROM
• USB 2.0 OTG Port With Integrated PHY (USB0)
• Enhanced Direct-Memory-Access Controller 3
– USB 2.0 High-/Full-Speed Client
(EDMA3):
– USB 2.0 High-/Full-/Low-Speed Host
– 2 Transfer Controllers
– End Point 0 (Control)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
ARM926EJ-S, EmbeddedICE-RT, ETM9, CoreSight are trademarks of ARM Limited.
3
ARM, Jazelle are registered trademarks of ARM Limited.
ADVANCE INFORMATION concerns new products in the sampling
Copyright © 2010, Texas Instruments Incorporated
or preproduction phase of development. Characteristic data and other
specifications are subject to change without notice.


Similar Part No. - AM1705

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1705 TI-AM1705 Datasheet
991Kb / 155P
AM1705 ARM Microprocessor
AM1705 TI-AM1705 Datasheet
999Kb / 155P
AM1705 ARM Microprocessor
AM1705 TI1-AM1705 Datasheet
1Mb / 165P
AM1705 ARM짰 Microprocessor
AM1705BPTP3 TI-AM1705BPTP3 Datasheet
991Kb / 155P
AM1705 ARM Microprocessor
AM1705BPTP3 TI-AM1705BPTP3 Datasheet
999Kb / 155P
AM1705 ARM Microprocessor
More results

Similar Description - AM1705

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3517 TI-AM3517 Datasheet
2Mb / 184P
ARM Microprocessor
AM1705 TI-AM1705 Datasheet
991Kb / 155P
AM1705 ARM Microprocessor
AM1705_1004 TI-AM1705_1004 Datasheet
999Kb / 155P
AM1705 ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
AM1806 ARM Microprocessor
APRIL2011
AM1705DPTPA3 TI1-AM1705DPTPA3 Datasheet
1Mb / 164P
AM1705 ARM Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
ARM Microprocessor
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
AM1705 ARM짰 Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
AM1705 ARM짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com