Electronic Components Datasheet Search
  English  ▼

X  

AM1705 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705
Description  AM1705 ARM Microprocessor
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1705 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AM1705 Datasheet HTML 15Page - Texas Instruments AM1705 Datasheet HTML 16Page - Texas Instruments AM1705 Datasheet HTML 17Page - Texas Instruments AM1705 Datasheet HTML 18Page - Texas Instruments AM1705 Datasheet HTML 19Page - Texas Instruments AM1705 Datasheet HTML 20Page - Texas Instruments AM1705 Datasheet HTML 21Page - Texas Instruments AM1705 Datasheet HTML 22Page - Texas Instruments AM1705 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 156 page
background image
AM1705
www.ti.com
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
3.6.5
Serial Peripheral Interface Modules (SPI0, SPI1)
Table 3-7. Serial Peripheral Interface (SPI) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
SPI0
UART0, EQEP0B,
SPI0_SCS[0] /UART0_RTS/EQEP0B/GP5[4]/BOOT[4]
9
I/O
IPU
SPI0 chip select.
GPIO, BOOT
UART0, EQEP0A,
SPI0_ENA /UART0_CTS/EQEP0A/GP5[3]/BOOT[3]
12
I/O
IPU
SPI0 enable.
GPIO, BOOT
SPI0_CLK/EQEP1I/GP5[2]/BOOT[2]
11
I/O
IPD
eQEP1, GPIO, BOOT
SPI0 clock.
SPI0 data
SPI0_SIMO[0]/EQEP0S/GP5[1]/BOOT[1]
18
I/O
IPD
slave-in-master-
out.
eQEP0, GPIO, BOOT
SPI0 data
SPI0_SOMI[0]/EQEP0I/GP5[0]/BOOT[0]
17
I/O
IPD
slave-out-master-
in.
SPI1
SPI1_SCS[0] /UART2_TXD/GP5[13]
8
I/O
IPU
SPI1 chip select.
UART2, GPIO
SPI1_ENA /UART2_RXD/GP5[12]
7
I/O
IPU
SPI1 enable.
SPI1_CLK/EQEP1S/GP5[7]/BOOT[7]
16
I/O
IPD
eQEP1, GPIO, BOOT
SPI1 clock.
SPI1 data
SPI1_SIMO[0]/I2C1_SDA/GP5[6]/BOOT[6]
14
I/O
IPU
slave-in-master-
out.
I2C1, GPIO, BOOT
SPI1 data
SPI1_SOMI[0]/I2C1_SCL/GP5[5]/BOOT[5]
13
I/O
IPU
slave-out-master-
in.
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2010, Texas Instruments Incorporated
Device Overview
19
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com