Electronic Components Datasheet Search
  English  ▼

X  

AM1705 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705
Description  AM1705 ARM Microprocessor
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1705 Datasheet(HTML) 33 Page - Texas Instruments

Back Button AM1705 Datasheet HTML 29Page - Texas Instruments AM1705 Datasheet HTML 30Page - Texas Instruments AM1705 Datasheet HTML 31Page - Texas Instruments AM1705 Datasheet HTML 32Page - Texas Instruments AM1705 Datasheet HTML 33Page - Texas Instruments AM1705 Datasheet HTML 34Page - Texas Instruments AM1705 Datasheet HTML 35Page - Texas Instruments AM1705 Datasheet HTML 36Page - Texas Instruments AM1705 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 156 page
background image
AM1705
www.ti.com
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
5.2
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
375 MHz version
1.14
1.2
1.32
V
Supply voltage, Core
CVDD
(CVDD, PLL0_VDDA )
456 MHz version
1.25
1.3
1.35
V
RVDD
Supply Voltage, Internal RAM
1.14
1.2
1.32
V
Supply voltage, I/O, 1.8V
1.71
1.8
1.89
V
(USB0_VDDA18, USB1_VDDA18)
DVDD
Supply voltage, I/O, 3.3V
3.15
3.3
3.45
V
(DVDD, USB0_VDDA33)
Supply ground
VSS
0
0
0
V
(VSS, PLL0_VSSA, OSCVSS(1))
High-level input voltage, I/O, 3.3V
2
V
VIH
(2)
High-level input voltage, OSCIN
0.7*CVDD
Low-level input voltage, I/O, 3.3V
0.8
V
VIL
(2)
Low-level input voltage, OSCIN
0.3*CVDD
VHYS
Input Hysteresis
160
mV
USB
USB0_VBUS
4.75
5
5.25
V
Transition time, 10%-90%, All Inputs (unless otherwise specified in
tt
0.25P (3)
ns
the electrical data sections)
375 (1.2V)
Commercial (default)
0
MHz
456 (1.3V)
FSYSCLK6
ARM Operating Frequency (SYSCLK6)
375 (1.2V)
Industrial (D suffix)
0
MHz
456(1.3V)
Extended (A suffix)
0
375(1.2V)
MHz
(1)
When an external crystal is used, oscillator (OSC_VSS) ground must be kept separate from other grounds and connected directly to the
crystal load capacitor ground. These pins are shorted to VSS on the device itself and should not be connected to VSS on the circuit
board. If a crystal is not used and the clock input is driven directly, then the oscillator VSS may be connected to board ground.
(2)
These I/O specifications do not apply to USB I/Os. USB0 I/Os adhere to USB2.0 specification.
(3)
P = the period of the applied signal. Maintaining transition times as fast as possible is recommended to improve noise immunity on input
signals.
Copyright © 2010, Texas Instruments Incorporated
Device Operating Conditions
33
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com