Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE937
Description  Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE937 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCE937 Datasheet HTML 6Page - Texas Instruments CDCE937 Datasheet HTML 7Page - Texas Instruments CDCE937 Datasheet HTML 8Page - Texas Instruments CDCE937 Datasheet HTML 9Page - Texas Instruments CDCE937 Datasheet HTML 10Page - Texas Instruments CDCE937 Datasheet HTML 11Page - Texas Instruments CDCE937 Datasheet HTML 12Page - Texas Instruments CDCE937 Datasheet HTML 13Page - Texas Instruments CDCE937 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
CDCE937
CDCEL937
SLAS564F – AUGUST 2007 – REVISED MARCH 2010
www.ti.com
APPLICATION INFORMATION
CONTROL TERMINAL SETTING
The CDCE937/CDCEL937 has three user-definable control terminals (S0, S1, and S2) which allow external
control of device settings. They can be programmed to any of the following setting:
•
Spread spectrum clocking selection
→ spread type and spread amount selection
•
Frequency selection
→ switching between any of two user-defined frequencies
•
Output state selection
→ output configuration and power down control
The user can predefine up to eight different control settings. Table 1 and Table 2 explain these settings.
Table 1. Control Terminal Definition
External
Control
PLL1 Setting
PLL2 Setting
PLL3 Setting
Y1 Setting
Bits
PLL
Output
PLL
Output
PLL
Output
Output Y1 and
Control
SSC
SSC
SSC
Frequency
Y2/Y3
Frequency
Y4/Y5
Frequency
Y6/Y7
Power-Down
Function
Selection
Selection
Selection
Selection
Selection
Selection
Selection
Selection
Selection
Selection
Table 2. PLLx Setting (can be selected for each PLL individual)(1)
SSC Selection (Center/Down)
SSCx [3-bits]
Center
Down
0
0
0
0% (off)
0% (off)
0
0
1
±0.25%
–0.25%
0
1
0
±0.5%
–0.5%
0
1
1
±0.75%
–0.75%
1
0
0
±1.0%
–1.0%
1
0
1
±1.25%
–1.25%
1
1
0
±1.5%
–1.5%
1
1
1
±2.0%
–2.0%
FREQUENCY SELECTION(2)
FSx
FUNCTION
0
Frequency0
1
Frequency1
OUTPUT SELECTION(3) (Y2 ... Y7)
YxYx
FUNCTION
0
State0
1
State1
(1)
Center/Down-Spread, Frequency0/1 and State0/1 are user-definable in PLLx Configuration Register;
(2)
Frequency0 and Frequency1 can be any frequency within the specified fVCO range.
(3)
State0/1 selection is valid for both outputs of the corresponding PLL module and can be power down,
3-state, low or active
Table 3. Y1 Setting(1)
Y1 SELECTION
Y1
FUNCTION
0
State 0
1
State 1
(1)
State0 and State1 are user definable in Generic Configuration
Register and can be power down, 3-state, low, or active.
10
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCE937 CDCEL937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com