Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE937
Description  Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE937 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CDCE937 Datasheet HTML 20Page - Texas Instruments CDCE937 Datasheet HTML 21Page - Texas Instruments CDCE937 Datasheet HTML 22Page - Texas Instruments CDCE937 Datasheet HTML 23Page - Texas Instruments CDCE937 Datasheet HTML 24Page - Texas Instruments CDCE937 Datasheet HTML 25Page - Texas Instruments CDCE937 Datasheet HTML 26Page - Texas Instruments CDCE937 Datasheet HTML 27Page - Texas Instruments CDCE937 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
CDCE937
CDCEL937
SLAS564F – AUGUST 2007 – REVISED MARCH 2010
www.ti.com
REVISION HISTORY
Changes from Original (August 2007) to Revision A
Page
•
Changed from the device status Product preview to Production. ......................................................................................... 1
Changes from Revision A (September 2007) to Revision B
Page
•
Changed Terminal Functions Table - the pin numbers to correpond with pin outs on the package .................................... 2
•
Changed the PACKAGE THERMAL RESISTANCE table .................................................................................................... 4
•
Changed Table 9 RID default From: 0h To: Xb .................................................................................................................. 16
•
Added note to PWDN description, Table 9 ......................................................................................................................... 16
Changes from Revision B (December 2007) to Revision C
Page
•
Changed Table 9 - SLAVE_ADR default value From: 00b To: 01b ................................................................................... 16
Changes from Revision C (January 2009) to Revision D
Page
•
Added Note 3: SDA and SCL can go up to 3.6V as stated in the Recommended Operating Conditions table ................... 3
Changes from Revision D (September 2009) to Revision E
Page
•
Deleted sentence - A different default setting can be programmed on customer request. Contact Texas Instruments
sales or marketing representative for more information. .................................................................................................... 11
Changes from Revision E (October 2009) to Revision F
Page
•
Added PLL settings limits: 16
≤q≤63, 0≤p≤7, 0≤r≤511, 0<N<4096 foot to PLL1, PLL2, and PLL3 Configure Register
Table ................................................................................................................................................................................... 18
•
Added PLL settings limits: 16
≤q≤63, 0≤p≤7, 0≤r≤511 to PLL Multiplier/Divider Definition Section .................................... 23
24
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCE937 CDCEL937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com