Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE937
Description  Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE937 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCE937 Datasheet HTML 15Page - Texas Instruments CDCE937 Datasheet HTML 16Page - Texas Instruments CDCE937 Datasheet HTML 17Page - Texas Instruments CDCE937 Datasheet HTML 18Page - Texas Instruments CDCE937 Datasheet HTML 19Page - Texas Instruments CDCE937 Datasheet HTML 20Page - Texas Instruments CDCE937 Datasheet HTML 21Page - Texas Instruments CDCE937 Datasheet HTML 22Page - Texas Instruments CDCE937 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
CDCE937
CDCEL937
www.ti.com
SLAS564F – AUGUST 2007 – REVISED MARCH 2010
Table 11. PLL2 Configuration Register
OFFSET(1)
Bit(2)
Acronym
Default(3)
DESCRIPTION
7:5
SSC2_7 [2:0]
000b
SSC2: PLL2 SSC Selection (Modulation Amount)(4)
20h
4:2
SSC2_6 [2:0]
000b
Down
Center
000 (off)
000 (off)
1:0
SSC2_5 [2:1]
001 – 0.25%
001 ± 0.25%
000b
010 – 0.5%
010 ± 0.5%
7
SSC2_5 [0]
011 – 0.75%
011 ± 0.75%
6:4
SSC2_4 [2:0]
000b
100 – 1.0%
100 ± 1.0%
21h
101 – 1.25%
101 ± 1.25%
3:1
SSC2_3 [2:0]
000b
110 – 1.5%
110 ± 1.5%
0
SSC2_2 [2]
111 – 2.0%
111 ± 2.0%
000b
7:6
SSC2_2 [1:0]
22h
5:3
SSC2_1 [2:0]
000b
2:0
SSC2_0 [2:0]
000b
7
FS2_7
0b
FS2_x: PLL2 Frequency Selection(4)
6
FS2_6
0b
0 – fVCO2_0 (predefined by PLL2_0 – Multiplier/Divider value)
1 – fVCO2_1 (predefined by PLL2_1 – Multiplier/Divider value)
5
FS2_5
0b
4
FS2_4
0b
23h
3
FS2_3
0b
2
FS2_2
0b
1
FS2_1
0b
0
FS2_0
0b
PLL2 Multiplexer:
0 – PLL2
7
MUX2
1b
1 – PLL2 Bypass (PLL2 is in power down)
Output Y4 Multiplexer:
0 – Pdiv2
6
M4
1b
1 – Pdiv4
Output Y5 Multiplexer:
00 – Pdiv2-Divider
01 – Pdiv4-Divider
24h
5:4
M5
10b
10 – Pdiv5-Divider
11 – reserved
3:2
Y4Y5_ST1
11b
Y4,
00 – Y4/Y5 disabled to 3-State (PLL2 is in power down)
Y5-State0/1definition:
01 – Y4/Y5 disabled to 3-State
10–Y4/Y5 disabled to low
1:0
Y4Y5_ST0
01b
11 – Y4/Y5 enabled
7
Y4Y5_7
0b
Y4Y5_x Output State Selection(4)
6
Y4Y5_6
0b
0 – state0 (predefined by Y4Y5_ST0)
1 – state1 (predefined by Y4Y5_ST1)
5
Y4Y5_5
0b
4
Y4Y5_4
0b
25h
3
Y4Y5_3
0b
2
Y4Y5_2
0b
1
Y4Y5_1
1b
0
Y4Y5_0
0b
(1)
Writing data beyond 40h may adversely affect device function.
(2)
All data is transferred MSB-first.
(3)
Unless a custom setting is used
(4)
The user can predefine up to eight different control settings. In normal device operation, these settings can be selected by the external
control pins, S0, S1, and S2.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): CDCE937 CDCEL937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com