Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE937
Description  Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE937 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CDCE937 Datasheet HTML 18Page - Texas Instruments CDCE937 Datasheet HTML 19Page - Texas Instruments CDCE937 Datasheet HTML 20Page - Texas Instruments CDCE937 Datasheet HTML 21Page - Texas Instruments CDCE937 Datasheet HTML 22Page - Texas Instruments CDCE937 Datasheet HTML 23Page - Texas Instruments CDCE937 Datasheet HTML 24Page - Texas Instruments CDCE937 Datasheet HTML 25Page - Texas Instruments CDCE937 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
CDCE937
CDCEL937
SLAS564F – AUGUST 2007 – REVISED MARCH 2010
www.ti.com
Table 12. PLL3 Configuration Register (continued)
OFFSET(1)
Bit(2)
Acronym
Default(3)
DESCRIPTION
7
SSC3DC
0b
PLL3 SSC down/center selection:
0 – down
1 – center
36h
6:0
Pdiv6
01h
7-Bit Y6-Output-Divider Pdiv6:
0 – reset and stand-by
1-to-127 – divider value
7
—
0b
Reserved – do not write others than 0
37h
6:0
Pdiv7
01h
7-Bit Y7-Output-Divider Pdiv7:
0 – reset and stand-by
1-to-127 – divider value
38h
7:0
PLL3_0N [11:4]
PLL3_0(5): 30-Bit Multiplier/Divider value for frequency fVCO3_0
004h
(for more information see paragraph PLL Multiplier/Divider Definition)
7:4
PLL3_0N [3:0]
39h
3:0
PLL3_0R [8:5]
000h
7:3
PLL3_0R[4:0]
3Ah
2:0
PLL3_0Q [5:3]
10h
7:5
PLL3_0Q [2:0]
4:2
PLL3_0P [2:0]
010b
3Bh
fVCO3_0 range selection:
00 – fVCO3_0 < 125 MHz
01 – 125 MHz
≤ fVCO3_0 < 150 MHz
1:0
VCO3_0_RANGE
00b
10 – 150 MHz
≤ fVCO3_0 < 175 MHz
11 – fVCO3_0 ≥ 175 MHz
3Ch
7:0
PLL3_1N [11:4]
PLL3_1(5): 30-Bit Multiplier/Divider value for frequency fVCO3_1
004h
(for more information see paragraph PLL Multiplier/Divider Definition)
7:4
PLL3_1N [3:0]
3Dh
3:0
PLL3_1R [8:5]
000h
7:3
PLL3_1R[4:0]
3Eh
2:0
PLL3_1Q [5:3]
10h
7:5
PLL3_1Q [2:0]
4:2
PLL3_1P [2:0]
010b
3Fh
fVCO3_1 range selection:
00 – fVCO3_1 < 125 MHz
01 – 125 MHz
≤ fVCO3_1 < 150 MHz
1:0
VCO3_1_RANGE
00b
10 – 150 MHz
≤ fVCO3_1 < 175 MHz
11 – fVCO3_1 ≥ 175 MHz
(5)
PLL settings limits: 16
≤q≤63, 0≤p≤7, 0≤r≤511, 0<N<4096
22
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCE937 CDCEL937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com