Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE937
Description  Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE937 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCE937 Datasheet HTML 10Page - Texas Instruments CDCE937 Datasheet HTML 11Page - Texas Instruments CDCE937 Datasheet HTML 12Page - Texas Instruments CDCE937 Datasheet HTML 13Page - Texas Instruments CDCE937 Datasheet HTML 14Page - Texas Instruments CDCE937 Datasheet HTML 15Page - Texas Instruments CDCE937 Datasheet HTML 16Page - Texas Instruments CDCE937 Datasheet HTML 17Page - Texas Instruments CDCE937 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
P
S
P
SCL
SDA
VIH
VIL
VIH
VIL
A
Bit7(MSB)
Bit6
Bit0(LSB)
tw(SCLL)
tw(SCLH)
tr
tf
tsu(START)
th(START)
tsu(SDA)
th(SDA)
t(BUS)
tr
tf
tsu(STOP)
R
P
SDA
SCL
Master
Slave
CDCE937
CDCEL937
C
BUS
C
BUS
R
P
CDCE937
CDCEL937
SLAS564F – AUGUST 2007 – REVISED MARCH 2010
www.ti.com
Timing Diagram for the SDA/SCL Serial Control Interface
Figure 12. Timing Diagram for SDA/SCL Serial Control Interface
SDA/SCL HARDWARE INTERFACE
Figure 13 shows how the CDCE937/CDCEL937 clock synthesizer is connected to the SDA/SCL serial interface
bus. Multiple devices can be connected to the bus but the speed may need to be reduced (400 kHz is the
maximum) if many devices are connected.
Note that the pullup resistors (RP) depends on the supply voltage, bus capacitance, and number of connected
devices. The recommended pullup value is 4.7 k
Ω. It must meet the minimum sink current of 3 mA at VOLmax =
0.4 V for the output stages (for more details see SMBus or I2C Bus specification).
Figure 13. SDA / SCL Hardware Interface
14
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCE937 CDCEL937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com