Electronic Components Datasheet Search
  English  ▼

X  

TPS23754PWPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23754PWPR
Description  High Power/High Efficiency PoE Interface and DC/DC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23754PWPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS23754PWPR Datasheet HTML 28Page - Texas Instruments TPS23754PWPR Datasheet HTML 29Page - Texas Instruments TPS23754PWPR Datasheet HTML 30Page - Texas Instruments TPS23754PWPR Datasheet HTML 31Page - Texas Instruments TPS23754PWPR Datasheet HTML 32Page - Texas Instruments TPS23754PWPR Datasheet HTML 33Page - Texas Instruments TPS23754PWPR Datasheet HTML 34Page - Texas Instruments TPS23754PWPR Datasheet HTML 35Page - Texas Instruments TPS23754PWPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
V
SS
CLS
DEN
D
A
Adapter
PPD
R
PPD1
APD
R
FBU
R
FBL
TLV431
R
OB
C
IZ
R
SS
C
SS
D
SS
FromRegulated
OutputVoltage
TPS23754
TPS23754-1
TPS23756
SLVS885D – OCTOBER 2008 – REVISED DECEMBER 2009
www.ti.com
Option 1 ORing of a low voltage adapter (e.g., 24 V) is possible by connecting a resistor divider to PPD as in
Figure 35. When 1.55 V
≤ VPPD ≤ 8.3 V, the hotswap MOSFET is enabled, T2P is activated, and the class
feature is disabled. The hotswap current limit is unaffected, limiting the available power. For example, the
maximum input power from a 24 V adapter would be 19.3 W [(24 V – 0.6 V) × 0.825 A].
Figure 35. Low-Voltage Option 1 ORing
Softstart
Converters require a softstart on the voltage error amplifier to prevent output overshoot on startup. Figure 36
shows a common implementation of a secondary-side softstart that works with the typical TL431 error amplifier.
The softstart components consist of DSS, RSS, and CSS. They serve to control the output rate-of-rise by pulling
VCTL down as CSS charges through ROB, the optocoupler, and DSS. This has the added advantage that the TL431
output and CIZ are preset to the proper value as the output voltage reaches the regulated value, preventing
voltage overshoot due to the error amplifier recovery. The secondary-side error amplifier will not become active
until there is sufficient voltage on the secondary. The TPS23754 provides a primary-side softstart which persists
long enough (~4 ms) for secondary side voltage-loop softstart to take over. The primary-side current-loop
softstart controls the switching MOSFET peak current by applying a slowly rising ramp voltage to a second PWM
control input. The PWM is controlled by the lower of the softstart ramp or the CTL-derived current demand. The
actual output voltage rise time is usually much shorter than the internal softstart period. Initially the internal
softstart ramp limits the maximum current demand as a function of time. Either the current limit, secondary-side
softstart, or output regulation assume control of the PWM before the internal softstart period is over. Figure 25
shows a smooth handoff between the primary and secondary-side softstart with minimal output voltage
overshoot.
Figure 36. Error Amplifier Soft Start
32
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com