Electronic Components Datasheet Search
  English  ▼

X  

TPS23754PWPR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23754PWPR
Description  High Power/High Efficiency PoE Interface and DC/DC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23754PWPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS23754PWPR Datasheet HTML 16Page - Texas Instruments TPS23754PWPR Datasheet HTML 17Page - Texas Instruments TPS23754PWPR Datasheet HTML 18Page - Texas Instruments TPS23754PWPR Datasheet HTML 19Page - Texas Instruments TPS23754PWPR Datasheet HTML 20Page - Texas Instruments TPS23754PWPR Datasheet HTML 21Page - Texas Instruments TPS23754PWPR Datasheet HTML 22Page - Texas Instruments TPS23754PWPR Datasheet HTML 23Page - Texas Instruments TPS23754PWPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
1
3
4
6
8
9
10
t-Time-10ms/div
IPI
V DD-RTN
V C-RTN
Inrush
VOUT
PIPowered
Switchingstarts
T2P @output
9
0
1
2
3
4
5
6
7
8
5V/div
200mA/div
10V/div
2V/div
50V/div
TPS23754
TPS23754-1
TPS23756
SLVS885D – OCTOBER 2008 – REVISED DECEMBER 2009
www.ti.com
Maintain Power Signature
The MPS is an electrical signature presented by the PD to assure the PSE that it is still present after operating
voltage is applied. A valid MPS consists of a minimum dc current of 10 mA (or a 10 mA pulsed current for at
least 75 ms every 225 ms) and an ac impedance lower than 26.25 k
Ω in parallel with 0.05 μF. The ac impedance
is usually accomplished by the minimum operating CIN requirement of 5 μF. When either APD or DEN is used to
force the hotswap switch off, the dc MPS will not be met. A PSE that monitors the dc MPS will remove power
from the PD when this occurs. A PSE that monitors only the ac MPS may remove power from the PD.
Startup and Converter Operation
The internal PoE UVLO (Under Voltage Lock Out) circuit holds the hotswap switch off before the PSE provides
full voltage to the PD. This prevents the converter circuits from loading the PoE input during detection and
classification. The converter circuits will discharge CIN, CVC, and CVB while the PD is unpowered. Thus VVDD-VRTN
will be a small voltage just after full voltage is applied to the PD, as seen in Figure 23. The PSE drives the PI
voltage to the operating range once it has decided to power up the PD. When VVDD rises above the UVLO
turn-on threshold (VUVLO-R, ~35 V) with RTN high, the TPS23754 enables the hotswap MOSFET with a ~140 mA
(inrush) current limit as seen in Figure 25. Converter switching is disabled while CIN charges and VRTN falls from
VVDD to nearly VVSS, however the converter startup circuit is allowed to charge CVC (the bootstrap startup
capacitor). Converter switching is allowed if the PD is not in inrush, OTSD is not active, and the VC UVLO
permits it. Once the inrush current falls about 10% below the inrush current limit, the PD current limit switches to
the operational level (~970 mA). Continuing the startup sequence shown in Figure 25, VVC continues to rise until
the startup threshold (VCUV, ~15 V or ~9 V) is exceeded, turning the startup source off and enabling switching.
The VB regulator is always active, powering the internal converter circuits as VVC rises. There is a slight delay
between the removal of charge current and the start of switching as the softstart ramp sweeps above the VZDC
threshold. VVC falls as it powers both the internal circuits and the switching MOSFET gates. If the converter
control bias output rises to support VVC before it falls to VCUV – VCUVH (~8.5 V or ~5.5 V), a successful startup
occurs. T2P in Figure 23 (Figure 1, VT2P-OUT) becomes active within tT2P from the start of switching, indicating
that a type 2 PSE or an adapter is plugged in.
Figure 25. Power Up and Start
If VVDD- VVSS drops below the lower PoE UVLO (VUVLO-R - VUVLO-H, ~30.5 V), the hotswap MOSFET is turned off,
but the converter will still run. The converter will stop if VVC falls below the converter UVLO (VCUV – VCUVH, ~8.5 V
or ~5.5 V), the hotswap is in inrush current limit, 0% duty cycle is demanded by VCTL (VCTL < VZDC, ~1.5 V), or
the converter is in thermal shutdown.
20
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com