Electronic Components Datasheet Search
  English  ▼

X  

TPS23754PWPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23754PWPR
Description  High Power/High Efficiency PoE Interface and DC/DC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23754PWPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS23754PWPR Datasheet HTML 23Page - Texas Instruments TPS23754PWPR Datasheet HTML 24Page - Texas Instruments TPS23754PWPR Datasheet HTML 25Page - Texas Instruments TPS23754PWPR Datasheet HTML 26Page - Texas Instruments TPS23754PWPR Datasheet HTML 27Page - Texas Instruments TPS23754PWPR Datasheet HTML 28Page - Texas Instruments TPS23754PWPR Datasheet HTML 29Page - Texas Instruments TPS23754PWPR Datasheet HTML 30Page - Texas Instruments TPS23754PWPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
ADPTR_ON
PPDEN
PPD1
PPDEN
PPD
PPD2
V
V
18 V
1.55 V
R
=
=
= 32.26 k
V
1.55 V
5 A
I
3.01 k
R
æ
ö æ
ö
ç
÷ ç
÷
-
-
ç
÷
W
ç
÷
ç
÷ ç
÷
- m
-
ç
÷
ç
÷
W
è
ø
è
ø
PPDEN
ADPTR_ON
PPDEN
PPD1
PPD
PPD2
V
V
= V
+ R
I
= 18.07 V
R
é
ù
æ
ö
´
-
ê
ú
ç
÷
ê
ú
è
ø
ë
û
(
)
(
)
PPDEN
PPDH
ADPTR_OFF
PPDEN
PPDH
PPD1
PPD
PPD2
V
V
V
=
V
V
+ R
I
= 14.54 V
R
é
ù
æ
ö
-
ê
ú
-
´
-
ç
÷
ç
÷
ê
ú
è
ø
ë
û
(
)
2
2
DD
SS
RPPD
PPD1
PPD2
24 V
1.1
(V
V
)
P
=
=
= 19.6 mW
R
+ R
3.01 k
+ 32.4 k
´
-
W
W
FRS
SW
17250
17250
R
(k ) =
=
= 69
f
(kHz)
250
W
TPS23754
TPS23754-1
TPS23756
www.ti.com
SLVS885D – OCTOBER 2008 – REVISED DECEMBER 2009
APD Pin Divider Network, RAPD1, RAPD2
The APD pin can be used to disable the TPS23754 internal hotswap MOSFET giving the adapter source priority
over the PoE source. An example calculation is provided, see literature number SLVA306A.
PPD Pin Divider Network, RPPD1, RPPD2
The PPD pin can be used to override the internal hotswap MOSFET UVLO (VUVLO_R and VUVLO_H) when using
low voltage adapters connected between VDD and VSS. The PPD pin has an internal 5 μA pulldown current
source. As an example, consider the choice of RPPD1 and RPPD2, for a 24 V adapter.
1. Select the startup voltage, VADPTR-ON approximately 75% of nominal for a 24 V adapter. Assuming that the
adapter output is 24 V ± 10%, this provides 15% margin below the minimum adapter operating voltage.
2. Choose VADPTR-ON = 24 V × 0.75 = 18 V
3. Choose RPPD2 = 3.01 kΩ
4. Calculate RPPD1
(a)
(b) Choose RPPD1 = 32.4 kΩ
5. Check PPD turn on and PPD turn off voltages
(a)
(b)
(c) Voltages look acceptable.
6. Check PPD resistor power consumption.
(a)
(b) Power is acceptable, but resistor values could be increased to reduce the power loss.
Setting Frequency (RFRS) and Synchronization
The converter switching frequency is set by connecting RFRS from the FRS pin to ARTN. The frequency may be
set as high as 1 MHz with some loss in programming accuracy as well as converter efficiency. Synchronization
at high duty cycles may become more difficult above 500 kHz due to the internal oscillator delays reducing the
available on-time. As an example:
1. Assume a desired switching frequency (fSW) of 250 kHz.
2. Compute RFRS:
(a)
(b) Select 69.8 k
Ω.
The TPS23754 may be synchronized to an external clock to eliminate beat frequencies from a sampled system,
or to place emission spectrum away from an RF input frequency. Synchronization may be accomplished by
applying a short pulse (TSYNC) of magnitude VSYNC to FRS as shown in Figure 30. RFRS should be chosen so that
the maximum free-running frequency is just below the desired synchronization frequency. The synchronization
pulse terminates the potential on-time period, and the off-time period does not begin until the pulse terminates.
The pulse at the FRS pin should reach between 2.5 V and VB, with a minimum width of 22 ns (above 2.5 V) and
rise/fall times less than 10 ns. The FRS node should be protected from noise because it is high-impedance. An
RT on the order of 100 Ω in the isolated example reduces noise sensitivity and jitter.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com