Electronic Components Datasheet Search
  English  ▼

X  

TPS23754PWPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23754PWPR
Description  High Power/High Efficiency PoE Interface and DC/DC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23754PWPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS23754PWPR Datasheet HTML 10Page - Texas Instruments TPS23754PWPR Datasheet HTML 11Page - Texas Instruments TPS23754PWPR Datasheet HTML 12Page - Texas Instruments TPS23754PWPR Datasheet HTML 13Page - Texas Instruments TPS23754PWPR Datasheet HTML 14Page - Texas Instruments TPS23754PWPR Datasheet HTML 15Page - Texas Instruments TPS23754PWPR Datasheet HTML 16Page - Texas Instruments TPS23754PWPR Datasheet HTML 17Page - Texas Instruments TPS23754PWPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Programmed Resistance (106 / RFRS) − Ω−1
0
200
400
600
800
1000
1200
0
10
20
30
40
50
60
G008
Ideal
Typical
TJ -Junction Temperature- °C
70
71
72
73
74
75
76
77
78
79
−40
−20
0
20
40
60
80
100
120
G009
RFRS =17.3k (937kHz)
W
RFRS =34.6k (484kHz)
W
RFRS =69.8k (245kHz)
W
RFRS =21.5k (766kHz)
W
RFRS =347k (50kHz)
W
RFRS =26.7k (623kHz)
W
TJ − Junction Temperature − °C
149
150
151
152
153
154
155
−40
−20
0
20
40
60
80
100
120
G010
TJ − Junction Temperature − °C
30
35
40
45
50
−40
−20
0
20
40
60
80
100
120
G011
TPS23754
TPS23754-1
TPS23756
SLVS885D – OCTOBER 2008 – REVISED DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SWITCHING FREQUENCY
MAXIMUM DUTY CYCLE
vs
vs
PROGRAM CONDUCTANCE
TEMPERATURE
Figure 13.
Figure 14.
CURRENT SLOPE COMPENSATION VOLTAGE
CURRENT SLOPE COMPENSATION CURRENT
vs
vs
TEMPERATURE
TEMPERATURE
Figure 15.
Figure 16.
14
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com