Electronic Components Datasheet Search
  English  ▼

X  

RF2968 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF2968
Description  BLUETOOTHTM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2968 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF2968 Datasheet HTML 12Page - RF Micro Devices RF2968 Datasheet HTML 13Page - RF Micro Devices RF2968 Datasheet HTML 14Page - RF Micro Devices RF2968 Datasheet HTML 15Page - RF Micro Devices RF2968 Datasheet HTML 16Page - RF Micro Devices RF2968 Datasheet HTML 17Page - RF Micro Devices RF2968 Datasheet HTML 18Page - RF Micro Devices RF2968 Datasheet HTML 19Page - RF Micro Devices RF2968 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Preliminary
11-132
RF2968
Rev A13 010912
11
Register 6 - IF Register 4 (Write-Only)
Register 7 - PLL Control (Write-Only)
PLLDel [1:0]:
DivR [2:0]:
Bit Number
Bit Name
Comments
0-15
N/A
Not Assigned
Bit Number
Bit Name
Comments
15
Set_Tx_PLL_LF_Ext Configures the LPO pin as a test pin when bits LPO[1:0] are set high.
1: Test mode. LPO is connected to the IF PLL loop filter of the transmitter.
(See “Special Modes: Transmitter Test Mode”.)
0: Normal mode. LPO is not connected to the IF PLL loop filter of the trans-
mitter.
13 - 14
PLLDel [1:0]
Determines the time in which the PLL remains in high bandwidth mode
before switching to low bandwidth mode. In high bandwidth mode, the PLL
loop bandwidth is optimized for fast frequency locking. In low bandwidth
mode, the loop bandwidth is optimized for low phase noise. See below. See
also pin descriptions of D0 and RSHUNT, and bit PLL_BW (Register 5, Bit
1).
12
RSSI_Test
Configures the RSSI circuitry to operate continuously for test purposes.
1: Test mode. Continuous operation.
0: Normal mode. Packet-based operation.
9 - 11
DivR [2:0]
Selects the external crystal frequency. See below.
8
TX_EN
Powers up the TX voltage and current bias circuits and the TX PLL’s ICO
voltage threshold set circuit.
7
RX_EN
Powers up the RX voltage and current bias circuits.
0 - 6
PLL [6:0]
Sets the RF PLL frequency. See below.
PLLDel [1:0]
Delay (us)
00
0
01
50
10
100
11
150
DivR [2:0]
Crystal Freq (MHz)
011
12
100
10
101
11
110
13
111
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com