Electronic Components Datasheet Search
  English  ▼

X  

RF2968 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2968
Description  BLUETOOTHTM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2968 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2968 Datasheet HTML 1Page - RF Micro Devices RF2968 Datasheet HTML 2Page - RF Micro Devices RF2968 Datasheet HTML 3Page - RF Micro Devices RF2968 Datasheet HTML 4Page - RF Micro Devices RF2968 Datasheet HTML 5Page - RF Micro Devices RF2968 Datasheet HTML 6Page - RF Micro Devices RF2968 Datasheet HTML 7Page - RF Micro Devices RF2968 Datasheet HTML 8Page - RF Micro Devices RF2968 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary
11-119
RF2968
Rev A13 010912
11
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall Receive Section
Cascaded Voltage Gain
18
64
dB
Cascaded Noise Figure
8
dB
Cascaded Input IP3
-14
dBm
RX Sensitivity
-85
dBm
IF BW= 1MHz, BER= 10-3
Image Rejection
30
dB
RX Input Impedance
25
50
100
Ω
2:1 VSWR max.
Interference Performance
BER <10-3 (C=Desired Signal/I=Interferer)
Co-Channel Interference,
C/ICO-Channel
14
dB
C= -60dBm
Adjacent (1MHz) Interference,
C/I1MHz
+4
dB
C= -60dBm
Adjacent (2MHz) Interference,
C/I2MHz
-30
dB
C= -60dBm
Adjacent (>3MHz) Interfer-
ence, C/I>3MHz
-40
dB
C= -67dBm
Image Frequency Interfer-
ence, C/Iimage
-9
dB
C= -67dBm
Adjacent (1MHz) Interference
to In-Band Image,
C/Iimage+1MHz
-20
dB
C= -67dBm
Out-of-Band Blocking
BER <10-3, C=-67dBm, tested per evalua-
tion board schematic
Interfering Signal Frequency
30MHz to 2000MHz
-10
dBm
2000MHz to 2400MHz
-27
dBm
2500MHz to 3000MHz
-27
dBm
3000MHz to 12.75GHz
-10
dBm
Intermodulation Characteristic
BER <10-3 (BT=Bluetooth Modulated Signal)
f1, f2
-39
dBm
f0=-64dBm BT signal
f1=sine
f2=BT signal
|f2- f1| = 3MHz, 4MHz or 5MHz
f0=2f1-f2
Maximum Usable Level
-20
dBm
BER <10-3
Spurious Emissions
Measurement BW= 100kHz
30MHz to 1GHz
-57
dBm
1GHz to 12.75GHz
-47
dBm
RSSI Operating Range
-80
-20
dBm
Power level at RX IN pin
RSSI Resolution
1
dB
RSSI Absolute Accuracy
-4
4
dB
-60dBm input power
Front End
Voltage Gain
25.5
27.5
29.5
dB
Power Gain
20
dB
Noise Figure
6
8.5
dB
IIP3
-14
dBm
IF Section
IF Frequency
1
MHz
Voltage Gain
-9.5
37
dB
Followed by 1 bit A/D
Noise Figure
25
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com