Electronic Components Datasheet Search
  English  ▼

X  

RF2968 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2968
Description  BLUETOOTHTM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2968 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2968 Datasheet HTML 2Page - RF Micro Devices RF2968 Datasheet HTML 3Page - RF Micro Devices RF2968 Datasheet HTML 4Page - RF Micro Devices RF2968 Datasheet HTML 5Page - RF Micro Devices RF2968 Datasheet HTML 6Page - RF Micro Devices RF2968 Datasheet HTML 7Page - RF Micro Devices RF2968 Datasheet HTML 8Page - RF Micro Devices RF2968 Datasheet HTML 9Page - RF Micro Devices RF2968 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Preliminary
11-122
RF2968
Rev A13 010912
11
Pin
Function
Description
Interface Schematic
17
BRCLK
Reference clock output. This is a crystal controlled reference clock in
the 10- 40MHz range, typically 13MHz.
18
OSC O
Same as pin 19.
See pin 19.
19
OSC I
The OSC pins are used to produce the reference frequency by means
of negative feedback. A crystal and resistor are placed in parallel from
OSC I to OSC O to provide the feedback path and establish the reso-
nant frequency. A shunt capacitor is placed on each OSC pin to provide
the proper loading of the crystal. If an external reference is used, it is
connected to OSC I through a DC-blocking capacitor, and OSC O is
connected to OSC I through a 470k
Ω resistor.
20
BnDEN
Latches data entered into the serial port. Data is clocked into the latch
on the rising edge of BnDEN.
See pin 23.
21
BDDATA
Serial data port. Read/write data is sent through this pin into / out of the
on chip shift register. Read data is transferred on the rising edge of
BDCLK. Write data is transferred on the falling edge of BDCLK.
22
BDCLK
Serial port input clock.This pin is used to clock data into the serial port.
To minimize the hop frequency programming time, a BDCLK frequency
of 10- 20MHz is recommended.
See pin 23.
23
BnPWR
This pin is part of the chip power control circuit. It is used to power up
the chip from the “off” state.
24
PLL GND
Ground connection for the RF synthesizer, crystal oscillator, and serial
port.
25
VCC6
Supply voltage for the RF synthesizer, crystal oscillator, and serial port.
26
D0
This is the output of the charge pump for the RF PLL. An RC network
from this pin to ground is used to establish the PLL bandwidth. To mini-
mize synthesizer settling time and phase noise, a dual loop bandwidth
scheme is implemented. During the initial period of frequency acquisi-
tion, a wide loop bandwidth is used. RSHUNT is used to switch to a
narrow loop bandwidth near the end of the frequency acquisition, pro-
viding improved VCO phase noise. The time at which the bandwidth
switches is set by the PLLDel bits.
27
RSHUNT
Switches the loop filter from wide to narrow bandwidth by shunting the
midpoint of two external series resistors to ground.
28
RESNTR-
The RESNTR pins are used to supply DC voltage to the VCO as well
as to tune the center frequency of the VCO. Two inductors are required
between RESNTR- and RESNTR+ to resonate with the internal capac-
itance. Inductance of traces from the RESNTR pins to the inductor
should be taken into account in the board layout.
V
CC
BRCLK
OSC O
OSC I
READ DATA
WRITE DATA
Pin 21
BnPWR
V
CC
D0
V
CC
RESNTR-
RESNTR+
D0
4k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com