Electronic Components Datasheet Search
  English  ▼

X  

RF2968 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2968
Description  BLUETOOTHTM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2968 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2968 Datasheet HTML 1Page - RF Micro Devices RF2968 Datasheet HTML 2Page - RF Micro Devices RF2968 Datasheet HTML 3Page - RF Micro Devices RF2968 Datasheet HTML 4Page - RF Micro Devices RF2968 Datasheet HTML 5Page - RF Micro Devices RF2968 Datasheet HTML 6Page - RF Micro Devices RF2968 Datasheet HTML 7Page - RF Micro Devices RF2968 Datasheet HTML 8Page - RF Micro Devices RF2968 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
11-117
11
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
31
29
28
27
26
25
32
30
Voltage
Regulator
LO
VCO
Phase Detector/
Charge Pump
Prescaler
16/17
Synthesizer
Address 7
x2
TX
DATA
SYNC
BT = 0.5
4MHz
ICO
LOOP
FILTER
/4
1MHz
Phase
Detector /
Charge
Pump
/4
Filter
APPF
LO
Σ
Chip
Control
BDATA1
10 MHz
BPKTCTL
BXTLEN
500 kHz
23 BnPWR
24 PLLGND
22 BDCLK
Address 30
Address 31
Address 3
25-Bit Latch
16-Bit Shift
Register
(Read Only)
25-Bit Shift
Register
(Write Only)
21 BDDATA
DBus
25
5
25
20 BnDEN
7
LPO
6
VCC4
5
VCC3
8
DVDDH
4
RXIN
3
TXOUT
2
VCC2
1
VCC1
Σ
APPF
LO
1MHz IF
Transmitter
Clock / Data
Recovery
Receiver
Address 4
Address 5
Address 6
16
16
16
/2
500 kHz
1MHz
/6
/5
10 MHz
60 MHz
/60
Div R
Phase Detector/
Charge Pump
Div R
Ref. Osc.
19 OSC I
18 OSC O
17 BRCLK
LPF/
Equalizer
9
10
11
12
13
14
15
16
12 MHz
FSK Demodulator
TX DATA
RF2968
BLUETOOTHTM TRANSCEIVER
• Bluetooth GSM/GPRS/EDGE Cellular
Phones
• Bluetooth Wireless LAN
• Cordless Phones
• Battery-Powered Portable Devices
The RF2968 is a monolithic integrated circuit intended for
use as a low-cost FSK transceiver in Bluetooth applica-
tions. The device is provided in 32-lead plastic LPCC
packaging and is designed to provide a fully-functional
FSK transceiver. The chip is intended for Bluetooth appli-
cations in the 2.4GHz to 2.5GHz ISM band. The IF and
demodulation sections of the chip require no external fil-
ters or discriminators. The chip also features an image
reject front end and a fully programmable synthesizer
with integrated oscillator circuitry. Self-calibrating RX and
TX IF circuitry optimizes link performance and eliminates
manufacturing variations.
BLUETOOTH is a trademark owned by the Bluetooth SIG, Inc., and licensed
to RF Micro Devices, Inc.
• Fully Monolithic Integrated Transceiver
• Self-Calibrating Transceiver
• Image Reject Receiver
• Bluetooth and BlueRF compatible
• Supports Reference Clocks to 40MHz
• Smallest Footprint Bluetooth Transceiver
TBD
11
Rev A13 010912
NOTES:
1. Shaded lead indicates Pin 1.
2. Package surface roughness at 1.5
µm± 0.30.
0.70 ±
0.08
5
µm- 20 µm
1.00
MAX
Detail A
-C-
1.0
MAX
11° ± 1°
(4X)
0.50
0.70 ± 0.08
See Detail A
Seating
Plane
-C-
4.75
±0.10
-B-
0.20
0.40 ± 0.10
5.00
±0.10
4.75
±0.10
-A-
5.00
±0.10
Package Style: LCC, 32-Pin, 5x5


Similar Part No. - RF2968

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2908 RFMD-RF2908 Datasheet
534Kb / 18P
915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
RF2909 RFMD-RF2909 Datasheet
156Kb / 8P
3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
433/868/915MHZ FM/FSK RECEIVER
More results

Similar Description - RF2968

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9830 NSC-LMX9830 Datasheet
940Kb / 46P
BluetoothTM Serial Port Module
logo
California Eastern Labs
UPG2150T5L CEL-UPG2150T5L_07 Datasheet
177Kb / 10P
SP3T SWITCH FOR BluetoothTM AND 802.11b/g
UPG2250T5N CEL-UPG2250T5N Datasheet
313Kb / 12P
1.8 V, POWER AMPLIFIER FOR BluetoothTM Class 1
UPG2314T5N_0607 CEL-UPG2314T5N_0607 Datasheet
292Kb / 10P
POWER AMPLIFIER FOR BluetoothTM Class 1
logo
SiGe Semiconductor, Inc...
PA2423L-EK1 SIGE-PA2423L-EK1 Datasheet
132Kb / 8P
RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
PA2423U-EK1 SIGE-PA2423U-EK1 Datasheet
143Kb / 8P
RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
logo
STMicroelectronics
STLC2500C STMICROELECTRONICS-STLC2500C Datasheet
39Kb / 4P
BluetoothTM EDR Single Chip
29-Jan-2006
logo
NEC
UPG2150T5L NEC-UPG2150T5L Datasheet
90Kb / 9P
SP3T SWITCH FOR BluetoothTM AND 802.11b/g
logo
Renesas Technology Corp
UPG2413T6M RENESAS-UPG2413T6M Datasheet
248Kb / 15P
SP3T SWITCH FOR BluetoothTM AND 802.11b/g
logo
California Eastern Labs
UPG2314T5N_V1 CEL-UPG2314T5N_V1 Datasheet
533Kb / 10P
POWER AMPLIFIER FOR BluetoothTM Class 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com