Electronic Components Datasheet Search
  English  ▼

X  

RF2968 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2968
Description  BLUETOOTHTM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2968 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2968 Datasheet HTML 1Page - RF Micro Devices RF2968 Datasheet HTML 2Page - RF Micro Devices RF2968 Datasheet HTML 3Page - RF Micro Devices RF2968 Datasheet HTML 4Page - RF Micro Devices RF2968 Datasheet HTML 5Page - RF Micro Devices RF2968 Datasheet HTML 6Page - RF Micro Devices RF2968 Datasheet HTML 7Page - RF Micro Devices RF2968 Datasheet HTML 8Page - RF Micro Devices RF2968 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Preliminary
11-118
RF2968
Rev A13 010912
11
Absolute Maximum Ratings
Parameter
Ratings
Unit
Supply Voltage
-0.5 to +3.6
VDC
Control Voltages
-0.5 to VCC
VDC
Input RF Level
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-55 to +125
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=3.0V
RF Frequency Range
2400 to 2500
MHz
VCO and PLL Section
VCO Frequency Range
1100 to 1350
MHz
Frequency Tolerance
-50
50
kHz
20ppm crystal; -40°C to +85°C
RF Channels
79
Step Size
1
MHz
Freq= 2.4GHz
SSB Phase Noise
-90
dBc/Hz
Freq= 2.4GHz, 500kHz Offset
-110
dBc/Hz
Freq= 2.4GHz, 2MHz Offset
-124
dBc/Hz
Freq= 2.4GHz, 3MHz Offset
Reference Frequency
10
13
20
MHz
10, 11, 12, 13, 20MHz
20
26
40
MHz
Div2ENB =0; 20, 22, 24, 26, 40MHz.
Hop Time
130
175
µs
Dual BW =75kHz and 25kHz; BW switch
delay= 100
µs
KVCO
85
MHz/V
VCO Freq= 1.2GHz
Transmit Section
Data Rate
1
Mbps
Output Power
0
4
dBm
Power Control Range
28
dB
Power Control Step Size
4
dB
Gain Step Switching Time
4
µs
From -28dB to 0dB
Output Impedance
25
50
100
VSWR< 2:1
Deviation
140
160
175
kHz
Peak, Data Sequence 00001111
115
kHz
Peak, Data Sequence 01010101
Transmit ISI
Data Sequence 1010
Min Freq Dev, % EYE Open
80
100
%
Reference Data Sequence 00001111
Zero Crossing Error
-125
125
ns
+1/8 Symbol
In-Band Spurious
Measurement BW = 100kHz
Adjacent Channel Power
-20
dBc
Second Channel Power
-20
dBm
>Third Channel Power
-40
dBm
Out-of-Band Spurious
Measurement BW = 100kHz
Operation
-36
dBm
30MHz to 1GHz
-30
dBm
1GHz to 12.75GHz
-47
dBm
1.8GHz to 1.9GHz
-47
dBm
5.15GHz to 5.3GHz
Idle
-57
dBm
30MHz to 1 GHz
-47
dBm
1GHz to 12.75 GHz
-47
dBm
1.8GHz to 1.9GHz
-47
dBm
5.15GHz to 5.3GHz
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com