Electronic Components Datasheet Search
  English  ▼

X  

RF2968 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2968
Description  BLUETOOTHTM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2968 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2968 Datasheet HTML 1Page - RF Micro Devices RF2968 Datasheet HTML 2Page - RF Micro Devices RF2968 Datasheet HTML 3Page - RF Micro Devices RF2968 Datasheet HTML 4Page - RF Micro Devices RF2968 Datasheet HTML 5Page - RF Micro Devices RF2968 Datasheet HTML 6Page - RF Micro Devices RF2968 Datasheet HTML 7Page - RF Micro Devices RF2968 Datasheet HTML 8Page - RF Micro Devices RF2968 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Preliminary
11-120
RF2968
Rev A13 010912
11
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Data Voltages
ZLOAD>10kΩ
Logic Low
0.3
V
Logic High
VCC-0.3
V
Power Supply
Voltage
2.5
3.3
3.6
V
TX Current Consumption
49
mA
Transmit mode, +4dBm output power
RX Current Consumption
49
mA
Receive mode
Sleep Modes
1
µA
Sleep mode, no low power clock
250
µA
Sleep mode, low power clock, 12MHz refer-
ence
750
µA
Sleep mode, low power clock, other refer-
ence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com