Electronic Components Datasheet Search
  English  ▼

X  

AD5737 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5737
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5737 Datasheet(HTML) 4 Page - Analog Devices

  AD5737 Datasheet HTML 1Page - Analog Devices AD5737 Datasheet HTML 2Page - Analog Devices AD5737 Datasheet HTML 3Page - Analog Devices AD5737 Datasheet HTML 4Page - Analog Devices AD5737 Datasheet HTML 5Page - Analog Devices AD5737 Datasheet HTML 6Page - Analog Devices AD5737 Datasheet HTML 7Page - Analog Devices AD5737 Datasheet HTML 8Page - Analog Devices AD5737 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
AD5757/AD5737
Preliminary Technical Data
Rev. PrD | Page 4 of 31
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT CHARACTERISTICS2
Current Loop Compliance Voltage
TBD
AVDD -
2.5
V max
Output Current Drift vs. Time
±TB
D
ppm FSR
Drift after 500 hours, TJ = 150°C
(this is included in the TUE specifications)
±TB
D
ppm FSR
Drift after 1000 hours, TJ = 150°C
(this is included in the TUE specifications)
Resistive Load
See
Com
men
t
Ω max
Chosen such that compliance is not exceeded. Plus
see graph on load vs AVcc and DCDC switching freq.
Inductive Load
See
Com
men
t
H max
Will need appropriate cap at higher inductance values.
See Page X of Datasheet.
DC PSRR
TBD
µA/V
TBD
µA/V
Output Impedance
50
MΩ
REFERENCE INPUT/OUTPUT
Reference Input2
Reference Input Voltage
4.95
5
5.05
V nom
For specified performance
DC Input Impedance
5
TBD
MΩ min
Reference Output
Output Voltage
4.998
5
5.002
V
TA = 25°C
Reference TC23
-10
±5
10
ppm/°C
Output Noise (0.1 Hz to 10 Hz) 2
TBD
µV p-p typ
Noise Spectral Density2
TBD
nV/√Hz typ
At 10 kHz
Output Voltage Drift vs. Time2
±TB
D
ppm
Drift after 500 hours, TJ = 150°C
±TB
D
ppm
Drift after 1000 hours, TJ = 150°C
Capacitive Load2
TBD
nF
Load Current
5
mA
Short Circuit Current
7
mA
Line Regulation2
10
ppm/V
Load Regulation2
TBD
ppm/mA
Thermal Hysteresis2
TBD
ppm
DC-DC
SWITCH
SWITCH On Resistance
0.5
ohm
SWITCH Leakage Current
TBD
uA
VIN=TBD, IOUT=TBD, RLOAD=TBD
Peak Current Limit
0.8
A
OSCILLATOR
Oscillator Frequency
TBD
TBD
TBD
KHz
Maximum Duty Cycle
TBD
%
DIGITAL INPUTS2
JEDEC compliant
VIH, Input High Voltage
2
V
VIL, Input Low Voltage
0.8
V
Input Current
−1
+1
µA
Per pin
Pin Capacitance
10
pF
Per pin
DIGITAL OUTPUTS2
SDO, ALERT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com